データシートサーチシステム |
|
744065820 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744065820 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 4 page Bezeichnung : description : A mm B mm C mm D mm E mm @@FRM 1@@ = Start of winding Marking = Inductance code Eigenschaften / properties Wert / value Einheit / unit tol. Induktivität / inductance DC-Widerstand / DC-resistance DC-Widerstand / DC-resistance Nennstrom / rated current Sättigungsstrom / saturation current Eigenres.-Frequenz / self-res.-fequency 33% Umgebungstemperatur / temperature: +20°C Ferrit / ferrite ME 08-11-24 MST 08-04-11 ME 04-10-11 Name Datum / date Version 2 Version 3 10 ± 0,3 10 ± 0,3 2,8 ± 0,3 4,2 ref. Typ XL 7,4 ref. Kunde / customer : .................................................................................. Class H Sn/Ag/Cu - 96.5/3.0/0.5% Geprüft / checked ................................................... ............................................ Änderung / modification Version 1 Freigabe erteilt / general release: Kunde / customer F Werkstoffe & Zulassungen / material & approvals : G Eigenschaften / general specifications : It is recommended that the temperature of the part does not exceed 125°C under worst case operating conditions. Endoberfläche / finishing electrode: Basismaterial / base material: Würth Elektronik http://www.we-online.de Würth Elektronik eiSos GmbH & Co. KG D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Kontrolliert / approved MHz m |∆L/L|<35% A SRF Isat 1,00 8,0 @ 20°C Draht / wire: D Prüfgeräte / test equipment : Datum / date .................................................................................. Unterschrift / signature E Testbedingungen / test conditions : Betriebstemp. / operating temperature: -40°C - + 125°C Umgebungstemp. / ambient temperature: -40°C - + 85°C Testbedingungen / test conditions 1,10 max. m 420,00 ± 30% A RDC max typ. ∆T=30 K typ. Spezifikation für Freigabe / specification for release DATUM / DATE : 2008-11-24 max. C Lötpad / soldering spec. : B Elektrische Eigenschaften / electrical properties : µH Artikelnummer / part number : Luftfeuchtigkeit / humidity: SPEICHERDROSSEL WE-TPC POWER-CHOKE WE-TPC RDC typ 310,00 typ. IDC HP 34401 A für/for IDC und/and RDC HP 4274 A für/for L und/and SRF A Mechanische Abmessungen / dimensions : 100 kHz / 1,0V @ 20°C L 82,00 744065820 [mm] 7,2 4,6 C A B Marking D E 1,8 SEITE 1 VON 4 |
同様の部品番号 - 744065820 |
|
同様の説明 - 744065820 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |