データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744252220 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744252220
部品情報  WE-SL3 SMD Common Mode Line Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744252220 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744252220 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744252220 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744252220 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744252220 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744252220 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744252220 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3.1
3.0
2.0
REV
2012-07-17
2012-07-17
2004-10-11
DATE
SSt
SSt
MST
BY
SSt
SBa
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-SL3 SMD Common Mode Line Filter
Order.- No.
744252220
SIZE
A4
A Dimensions: [mm]
B Land Pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Impendance
Rated Current
DC Resistance
Insulation Test Voltage
Rated Voltage
Test conditions
100 kHz/ 10 mV
∆T = 40 K
L
Zmax
IR
RDC
UT
UR
Value
2x 22
1600
700
0.14
500
80
Unit
µH
Ω
mA
Ω
V (AC)
V
Tol.
+50/-30%
typ.
max.
max.
max.
max.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
Ambient temperature: -40°C to +85°C (refering to IR)
Operating temperature: -40°C to +125°C
Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 744252220

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744252101 WURTH-744252101 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
744252470 WURTH-744252470 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
744252510 WURTH-744252510 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
More results

同様の説明 - 744252220

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744252510 WURTH-744252510 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
744253200 WURTH-744253200 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
744252101 WURTH-744252101 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
744253101 WURTH-744253101 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
744252470 WURTH-744252470 Datasheet
1Mb / 6P
   WE-SL3 SMD Common Mode Line Filter
744235101 WURTH-744235101 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
744290121 WURTH-744290121 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290130 WURTH-744290130 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744272221 WURTH-744272221 Datasheet
130Kb / 3P
   COMMON MODE SMD LINE FILTER WE-SL5
744205 WURTH-744205 Datasheet
1Mb / 6P
   WE-SL SMD Common Mode Line Filter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com