データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM23MLD16 データシート(PDF) 5 Page - Cypress Semiconductor

部品番号 FM23MLD16
部品情報  8Mbit F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM23MLD16 データシート(HTML) 5 Page - Cypress Semiconductor

  FM23MLD16 Datasheet HTML 1Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 2Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 3Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 4Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 5Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 6Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 7Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 8Page - Cypress Semiconductor FM23MLD16 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FM23MLD16 - 512Kx16 FRAM (multi die)
Rev. 2.0
June 2012
Page 5 of 13
locations may be accessed without the need to toggle
the CE pins. For fast access reads, once the first data
byte is driven onto the bus, the column address inputs
A(1:0) may be changed to a new value. A new data
byte is then driven to the DQ pins no later than tAAP,
which is less than half the initial read access time.
For fast access writes, the first write pulse defines the
first write access. While the device is selected (both
chip enables asserted), a subsequent write pulse along
with a new column address provides a page mode
write access.
Precharge Operation
The precharge operation is an internal condition in
which the state of the memory is being prepared for a
new access. Precharge is user-initiated by driving at
least one of the chip enable signals to an inactive
state. It must remain high for at least the minimum
precharge time tPC.
SRAM Drop-In Replacement
The FM23MLD16 has been designed to be a drop-in
replacement for standard asynchronous SRAMs. The
device does not require the CE pins to toggle for each
new address.
Both CE pins may remain active
indefinitely. When both CE pins are active, the
device automatically detects address changes and a
new access is begun. This functionality allows the
chip enable pins to be tied active (/CE1 grounded,
CE2 tied to VDD) as you might with an SRAM. It also
allows page mode operation at speeds up to 33MHz.
A typical application is shown in Figure 2. It shows a
pullup resistor on /CE1 which will keep the pin high
during power cycles assuming the MCU/MPU pin tri-
states during the reset condition. The pullup resistor
value should be chosen to ensure the /CE1 pin tracks
VDD yet a high enough value that the current drawn
when /CE1 is low is not an issue.
Although not
required, it is recommended that CE2 be tied to VDD
if the controller provides an active-low chip enable.
Figure 2. Typical Application using Pullup
Resistor on /CE1
For applications that require the lowest power
consumption, the /CE1 signal should be active only
during memory accesses. The FM23MLD16 draws
supply current while /CE1 is low, even if addresses
and control signals are static. While /CE1 is high, the
device draws no more than the maximum standby
current ISB.
Note that if /CE1 is grounded and CE2 tied to VDD,
the user must be sure /WE is not low at powerup or
powerdown events. If the chip is enabled and /WE is
low during power cycles, data corruption will occur.
Figure 3 shows a pullup resistor on /WE which will
keep the pin high during power cycles assuming the
MCU/MPU pin tri-states during the reset condition.
The pullup resistor value should be chosen to ensure
the /WE pin tracks VDD yet a high enough value that
the current drawn when /WE is low is not an issue. A
10Kohm resistor draws 330uA when /WE is low and
VDD=3.3V.
Figure 3. Use of Pullup Resistor on /WE
The /UB and /LB byte select pins are active for both
read and write cycles. They may be used to allow the
device to be wired as a 1Mx8 memory. The upper
and lower data bytes can be tied together and
controlled with the byte selects. Individual byte
enables or the next higher address line A(19) may be
available from the system processor.
Figure 4. FM23MLD16 Wired as 1Mx8
CE2
CE1
WE
OE
A(18:0)
DQ(15:0)
FM23MLD16
VDD
MCU/
MPU
R
CE2
CE1
WE
OE
A(18:0)
DQ(15:0)
FM23MLD16
VDD
MCU/
MPU
R


同様の部品番号 - FM23MLD16

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM23MLD16 RAMTRON-FM23MLD16 Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
FM23MLD16-60-BG RAMTRON-FM23MLD16-60-BG Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
More results

同様の説明 - FM23MLD16

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM23MLD16 RAMTRON-FM23MLD16 Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
   2Mbit (128Kx16)F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com