データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM23MLD16-60-BG データシート(PDF) 6 Page - Cypress Semiconductor

部品番号 FM23MLD16-60-BG
部品情報  8Mbit F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM23MLD16-60-BG データシート(HTML) 6 Page - Cypress Semiconductor

Back Button FM23MLD16-60-BG Datasheet HTML 2Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 3Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 4Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 5Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 6Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 7Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 8Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 9Page - Cypress Semiconductor FM23MLD16-60-BG Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FM23MLD16 - 512Kx16 FRAM (multi die)
Rev. 2.0
June 2012
Page 6 of 13
PCB Layout Recommendations
A 0.1uF decoupling capacitor should be placed close
to each power/ground pair (solder balls 1D/1E and
6D/6E). The ground side of the capacitor should be
connected to either a ground plane or low impedance
path back to the VSS pins. It is best to use a chip
capacitor that has low ESR and has good high
frequency characteristics.
If the controller drives the address and chip enable
from the same timing edge, it is best to keep the
address routes short and of equal length. A simple
RC circuit may be inserted in the chip enable path to
provide some delay and timing margin for the
FM23MLD16’s address setup time tAS.
As a general rule, the layout designer may need to
add series termination resistors to controller outputs
that have fast transitions or routes that are > 15cm in
length. This is only necessary if the edge rate is less
than or equal to the round trip trace delay. Signal
overshoot and ringback may be large enough to cause
erratic device behavior. It is best to add a 50 ohm
resistor (30 – 60 ohms) near the output driver
(controller) to reduce such transmission line effects.


同様の部品番号 - FM23MLD16-60-BG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM23MLD16-60-BG RAMTRON-FM23MLD16-60-BG Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
More results

同様の説明 - FM23MLD16-60-BG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM23MLD16 RAMTRON-FM23MLD16 Datasheet
173Kb / 13P
   8Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
   2Mbit (128Kx16)F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com