データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24CL64B データシート(PDF) 6 Page - Cypress Semiconductor

部品番号 FM24CL64B
部品情報  64Kb Serial 3V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24CL64B データシート(HTML) 6 Page - Cypress Semiconductor

Back Button FM24CL64B Datasheet HTML 2Page - Cypress Semiconductor FM24CL64B Datasheet HTML 3Page - Cypress Semiconductor FM24CL64B Datasheet HTML 4Page - Cypress Semiconductor FM24CL64B Datasheet HTML 5Page - Cypress Semiconductor FM24CL64B Datasheet HTML 6Page - Cypress Semiconductor FM24CL64B Datasheet HTML 7Page - Cypress Semiconductor FM24CL64B Datasheet HTML 8Page - Cypress Semiconductor FM24CL64B Datasheet HTML 9Page - Cypress Semiconductor FM24CL64B Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FM24CL64B
Rev. 3.0
Jan. 2012
Page 6 of 13
S
A
Slave Address
0
Address MSB
A
Data Byte
A
P
By Master
By FM24CL64
Start
Address & Data
Stop
Acknowledge
Address LSB
A
Figure 5. Single Byte Write
S
A
Slave Address
0
Address MSB
A
Data Byte
A
P
By Master
By FM24CL64
Start
Address & Data
Stop
Acknowledge
Address LSB
A
Data Byte
A
Figure 6. Multiple Byte Write
Read Operation
There are two basic types of read operations. They
are current address read and selective address read. In
a current address read, the FM24CL64B uses the
internal address latch to supply the address. In a
selective read, the user performs a procedure to set
the address to a specific value.
Current Address & Sequential Read
As mentioned above the FM24CL64B uses an
internal latch to supply the address for a read
operation. A current address read uses the existing
value in the address latch as a starting place for the
read operation. The system reads from the address
immediately following that of the last operation.
To perform a current address read, the bus master
supplies a device address with the LSB set to 1. This
indicates that a read operation is requested. After
receiving
the
complete
device
address,
the
FM24CL64B will begin shifting out data from the
current address on the next clock. The current address
is the value held in the internal address latch.
Beginning with the current address, the bus master
can read any number of bytes. Thus, a sequential read
is simply a current address read with multiple byte
transfers. After each byte the internal address counter
will be incremented.
Each time the bus master acknowledges a byte,
this indicates that the FM24CL64B should read
out the next sequential byte.
There are four ways to properly terminate a read
operation. Failing to properly terminate the read will
most
likely
create
a
bus
contention
as
the
FM24CL64B attempts to read out additional data
onto the bus. The four valid methods are:
1.
The bus master issues a no-acknowledge in the
9
th clock cycle and a stop in the 10th clock cycle.
This is illustrated in the diagrams below. This is
preferred.
2.
The bus master issues a no-acknowledge in the
9
th clock cycle and a start in the 10th.
3.
The bus master issues a stop in the 9
th clock
cycle.
4.
The bus master issues a start in the 9
th clock
cycle.
If the internal address reaches 1FFFh, it will wrap
around to 0000h on the next read cycle. Figures 7 and
8 below show the proper operation for current
address reads.
Selective (Random) Read
There is a simple technique that allows a user to
select a random address location as the starting point
for a read operation. This involves using the first
three bytes of a write operation to set the internal
address followed by subsequent read operations.
To perform a selective read, the bus master sends out
the device address with the LSB set to 0. This
specifies a write operation. According to the write
protocol, the bus master then sends the address bytes
that are loaded into the internal address latch. After
the FM24CL64B acknowledges the address, the bus


同様の部品番号 - FM24CL64B

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
FM24CL64B-GA RAMTRON-FM24CL64B-GA Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B-GA CYPRESS-FM24CL64B-GA Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL64B-GATR RAMTRON-FM24CL64B-GATR Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B-GATR CYPRESS-FM24CL64B-GATR Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
More results

同様の説明 - FM24CL64B

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
   64Kb Serial 3V F-RAM Memory
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
   64Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
   64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B Datasheet
509Kb / 14P
   64Kb Serial 3V F-RAM Memory
FM25CL64B-GA CYPRESS-FM25CL64B-GA Datasheet
425Kb / 15P
   Automotive Temp. 64Kb Serial 3V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com