データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24V02 データシート(PDF) 4 Page - Cypress Semiconductor

部品番号 FM24V02
部品情報  256Kb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24V02 データシート(HTML) 4 Page - Cypress Semiconductor

  FM24V02 Datasheet HTML 1Page - Cypress Semiconductor FM24V02 Datasheet HTML 2Page - Cypress Semiconductor FM24V02 Datasheet HTML 3Page - Cypress Semiconductor FM24V02 Datasheet HTML 4Page - Cypress Semiconductor FM24V02 Datasheet HTML 5Page - Cypress Semiconductor FM24V02 Datasheet HTML 6Page - Cypress Semiconductor FM24V02 Datasheet HTML 7Page - Cypress Semiconductor FM24V02 Datasheet HTML 8Page - Cypress Semiconductor FM24V02 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FM24V02 - 256Kb I2C FRAM
Rev. 3.0
Jan. 2012
Page 4 of 16
Stop
(Master)
Start
(Master)
7
Data bits
(Transmitter)
6
0
Data bit
(Transmitter)
Acknowledge
(Receiver)
SCL
SDA
Figure 3. Data Transfer Protocol
Stop Condition
A stop condition is indicated when the bus master
drives SDA from low to high while the SCL signal is
high. All operations using the FM24V02 should end
with a stop condition. If an operation is in progress
when a stop is asserted, the operation will be aborted.
The master must have control of SDA (not a memory
read) in order to assert a stop condition.
Start Condition
A start condition is indicated when the bus master
drives SDA from high to low while the SCL signal is
high. All commands should be preceded by a start
condition. An operation in progress can be aborted by
asserting a start condition at any time. Aborting an
operation using the start condition will ready the
FM24V02 for a new operation.
If during operation the power supply drops below the
specified VDD minimum, the system should issue a
start condition prior to performing another operation.
Data/Address Transfer
All data transfers (including addresses) take place
while the SCL signal is high. Except under the two
conditions described above, the SDA signal should
not change while SCL is high.
Acknowledge
The acknowledge takes place after the 8
th data bit has
been transferred in any transaction. During this state
the transmitter should release the SDA bus to allow
the receiver to drive it. The receiver drives the SDA
signal low to acknowledge receipt of the byte. If the
receiver does not drive SDA low, the condition is a
no-acknowledge and the operation is aborted.
The receiver would fail to acknowledge for two
distinct reasons. First is that a byte transfer fails. In
this case, the no-acknowledge ceases the current
operation so that the part can be addressed again.
This allows the last byte to be recovered in the event
of a communication error.
Second and most common, the receiver does not
acknowledge to deliberately end an operation. For
example, during a read operation, the FM24V02 will
continue to place data onto the bus as long as the
receiver sends acknowledges (and clocks). When a
read operation is complete and no more data is
needed, the receiver must not acknowledge the last
byte. If the receiver acknowledges the last byte, this
will cause the FM24V02 to attempt to drive the bus
on the next clock while the master is sending a new
command such as stop.
Slave Address
The first byte that the FM24V02 expects after a start
condition is the slave address. As shown in Figure 4,
the slave address contains the device type or slave
ID, the device select address bits, a page address bit,
and a bit that specifies if the transaction is a read or a
write.
Bits 7-4 are the device type (slave ID) and should be
set to 1010b for the FM24V02. These bits allow other
function types to reside on the 2-wire bus within an
identical address range. Bits 3-1 are the device select
address bits. They must match the corresponding
value on the external address pins to select the
device. Up to eight FM24V02 devices can reside on
the same two-wire bus by assigning a different
address to each. Bit 0 is the read/write bit. R/W=1
indicates a read operation and R/W=0 indicates a
write operation.
High Speed Mode (HS-mode)
The FM24V02 supports a 3.4MHz high speed mode.
A master code (0000 1XXXb) must be issued to place
the device into high speed mode. Communication
between master and slave will then be enabled for
speeds up to 3.4MHz. A stop condition will exit HS-
mode. Single- and multiple-byte reads and writes are
supported. See Figures 10 and 11 for HS-mode
timings.


同様の部品番号 - FM24V02

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM24V02-G RAMTRON-FM24V02-G Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02-G RAMTRON-FM24V02-G Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM24V02-GTR RAMTRON-FM24V02-GTR Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
More results

同様の説明 - FM24V02

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02_10 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com