データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA5693MD データシート(PDF) 7 Page - Sanyo Semicon Device

部品番号 LA5693MD
部品情報  Monolithic Linear IC with Watchdog Timer Voltage Regulator Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5693MD データシート(HTML) 7 Page - Sanyo Semicon Device

  LA5693MD Datasheet HTML 1Page - Sanyo Semicon Device LA5693MD Datasheet HTML 2Page - Sanyo Semicon Device LA5693MD Datasheet HTML 3Page - Sanyo Semicon Device LA5693MD Datasheet HTML 4Page - Sanyo Semicon Device LA5693MD Datasheet HTML 5Page - Sanyo Semicon Device LA5693MD Datasheet HTML 6Page - Sanyo Semicon Device LA5693MD Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LA5693D, LA5693MD
PS No.A2085-7/7
35
7
1.0
23
5
7
10
--60
--40
--20
0
20
40
60
80
100
IIH -- Ta
ILA01063
--60
--40
--20
0
20
40
60
80
100
0
0.2
0.1
0.5
0.6
0.3
0.4
0
0.4
0.8
1.2
1.6
2.0
200
220
240
260
280
300
320
340
360
Ambient temperature, Ta -- °C
tWR -- Ta
ILA01061
--60
--40
--20
0
20
40
60
80
100
VIN -- Ta
ILA01062
Reset output current, IRES(2) -- mA
VORL(2) -- IRES(2)
ILA01064
10
2
3
5
7
100
2
3
5
VCC=14V
IO=5mA
VCC=14V
IO=50mA
VCK=5V
VCC=14V
IO=50mA
Ta=85
°C
25°C
--40
°C
VCC=14V
IO=50mA
Ct=1µF
Ambient temperature, Ta -- °C
Ambient temperature, Ta -- °C
This catalog provides information as of Jun, 2012. Specifications and information herein are subject
to change without notice.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
Regarding monolithic semiconductors, if you should intend to use this IC continuously under high temperature,
high current, high voltage, or drastic temperature change, even if it is used within the range of absolute
maximum ratings or operating conditions, there is a possibility of decrease reliability. Please contact us for a
confirmation.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellectual property rights which has resulted from the use of the technical information and products mentioned
above.


同様の部品番号 - LA5693MD

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5693M SANYO-LA5693M Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5693M SANYO-LA5693M Datasheet
145Kb / 7P
   with Watchdog Timer Voltage Regulator Driver
More results

同様の説明 - LA5693MD

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA5693AM SANYO-LA5693AM Datasheet
609Kb / 7P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D Datasheet
322Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
LA5693D SANYO-LA5693D_08 Datasheet
145Kb / 7P
   with Watchdog Timer Voltage Regulator Driver
LA5690D SANYO-LA5690D Datasheet
131Kb / 5P
   Voltage Regulator Driver with Watchdog Timer
LA5692D SANYO-LA5692D Datasheet
351Kb / 6P
   Voltage Regulator Driver with Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
Toshiba Semiconductor
TA8005S TOSHIBA-TA8005S Datasheet
293Kb / 9P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8042F TOSHIBA-TA8042F Datasheet
389Kb / 6P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com