データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75808W データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LC75808W
部品情報  LCD Display Driver with Key Input Function
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75808W データシート(HTML) 3 Page - Sanyo Semicon Device

  LC75808W Datasheet HTML 1Page - Sanyo Semicon Device LC75808W Datasheet HTML 2Page - Sanyo Semicon Device LC75808W Datasheet HTML 3Page - Sanyo Semicon Device LC75808W Datasheet HTML 4Page - Sanyo Semicon Device LC75808W Datasheet HTML 5Page - Sanyo Semicon Device LC75808W Datasheet HTML 6Page - Sanyo Semicon Device LC75808W Datasheet HTML 7Page - Sanyo Semicon Device LC75808W Datasheet HTML 8Page - Sanyo Semicon Device LC75808W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LC75808W
No.6370-3/38
Electrical Characteristics for the Allowable Operating Ranges
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
Hysteresis
VH
CE, CL, DI, INH, KI1 to KI5
0.1VDD
V
Power-down detection
voltage
VDET
2.5
3.0
3.5
V
Input high level current
IIH
CE, CL, DI, INH: VI=6.0V
5.0
μA
Input low level current
IIL
CE, CL, DI, INH: VI=0V
-5.0
μA
Input floating voltage
VIF
KI1 to KI5
0.05VDD
V
Pull-down resistance
RPD
KI1 to KI5: VDD=5.0V
50
100
250
k
Ω
Output off leakage current
IOFFH
DO: VO=6.0V
6.0
μA
VOH1
S1 to S60: IO=-20μA
VLCD0-0.6
VOH2
COM1 to COM10: IO=-100μA
VLCD0-0.6
VOH3
KS1 to KS6: IO=-500μA
VDD-1.0
VDD-0.5
VDD-0.2
Output high level voltage
VOH4
P1 to P4: IO=-1mA
VDD-1.0
V
VOL1
S1 to S60: IO=20μA
VLCD4+0.6
VOL2
COM1 to COM10: IO=100μA
VLCD4+0.6
VOL3
KS1 to KS6: IO=25μA
0.2
0.5
1.5
VOL4
P1 to P4: IO=1mA
1.0
Output low level voltage
VOL5
DO: IO=1mA
0.1
0.5
V
VMID1
S1 to S60: IO=±20μA
2/4(VLCD0
-VLCD4)
-0.6
2/4(VLCD0
-VLCD4)
+0.6
VMID2
COM1 to COM10: IO=±100μA
3/4(VLCD0
-VLCD4)
-0.6
3/4(VLCD0
-VLCD4)
+0.6
Output middle level voltage
*2
VMID3
COM1 to COM10: IO=±100μA
1/4(VLCD0
-VLCD4)
-0.6
1/4(VLCD0
-VLCD4)
+0.6
V
Oscillator frequency
fOSC
OSC: ROSC=43kΩ, COSC=680pF
40
50
60
kHz
IDD1
VDD: Sleep mode
100
IDD2
VDD: VDD=6.0V, outputs open, fOSC=50kHz
250
500
ILCD1
VLCD: Sleep mode
5
ILCD2
VLCD: VLCD=11.0V, Outputs open, fOSC=50kHz
(When the display contrast adjustment circuit is used.)
500
1000
Current drain
ILCD3
VLCD: VLCD=11.0V, Outputs open, fOSC=50kHz
(When the display contrast adjustment circuit is not
used.)
250
500
μA
Note: *2 Excluding the bias voltage generation divider resistor built into VLCD0, VLCD1, VLCD2, VLCD3, and
VLCD4. (See Figure 1.)
Figure 1
VLCD
VLCD0
VLCD1
VLCD2
VLCD3
VLCD4
CONTRAST
ADJUSTER
To the common and segment drivers
Excluding these resistors.
A12899


同様の部品番号 - LC75808W

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75808W SANYO-LC75808W Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
More results

同様の説明 - LC75808W

メーカー部品番号データシート部品情報
logo
ON Semiconductor
EN6370 ONSEMI-EN6370 Datasheet
294Kb / 38P
   LCD Display Driver with Key Input Function
July, 2013
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
logo
Princeton Technology Co...
PT6553 PTC-PT6553_10 Datasheet
667Kb / 41P
   LCD Driver IC with Key Input Function
PT6583 PTC-PT6583 Datasheet
125Kb / 6P
   LCD Driver IC with Key Input Function
PT6553 PTC-PT6553 Datasheet
139Kb / 7P
   LCD Driver IC with Key Input Function
logo
ON Semiconductor
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com