データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75812PT データシート(PDF) 8 Page - Sanyo Semicon Device

部品番号 LC75812PT
部品情報  1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75812PT データシート(HTML) 8 Page - Sanyo Semicon Device

Back Button LC75812PT Datasheet HTML 4Page - Sanyo Semicon Device LC75812PT Datasheet HTML 5Page - Sanyo Semicon Device LC75812PT Datasheet HTML 6Page - Sanyo Semicon Device LC75812PT Datasheet HTML 7Page - Sanyo Semicon Device LC75812PT Datasheet HTML 8Page - Sanyo Semicon Device LC75812PT Datasheet HTML 9Page - Sanyo Semicon Device LC75812PT Datasheet HTML 10Page - Sanyo Semicon Device LC75812PT Datasheet HTML 11Page - Sanyo Semicon Device LC75812PT Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
LC75812PT
No.A1417-8/54
Pin Functions
Pin
Pin No.
Function
Active
I/O
Handling
when unused
S1 to S64
S65/COM9
1 to 64
65
Segment driver outputs.
S65/COM9 can be used as common driver output pin under the
"set display technique" instruction.
-
O
OPEN
COM1 to COM8
73 to 66
Common driver outputs.
-
O
OPEN
KS1/P1
KS2/P2
KS3 to KS6
KS7/P3
74
75
76 to 79
85
Key scan outputs. Although normal key scan timing lines require
diodes to be inserted in the timing lines to prevent shorts, since
these outputs are unbalanced CMOS transistor outputs, these
outputs will not be damaged by shorting when these outputs are
used to form a key matrix.
KS1/P1, KS2/P2, and KS7/P3 can be used as general-purpose
output ports under the "set key scan output port/general-purpose
output port state" instruction.
-
O
OPEN
KI1 to KI5
80 to 84
Key scan inputs.
These pins have built-in pull-down resistors.
H
I
GND
OSC
95
Oscillator connections. An oscillator circuit is formed by
connecting an external resistor and capacitor to this pin.
This pin can also be used as the external clock input pin with the
"set display technique" instruction.
-
I/O
VDD
CE
98
H
I
CL
99
I
DI
100
-
I
GND
DO
97
Serial data interface connections to the controller. Note that DO,
being an open-drain output, requires a pull-up resistor.
CE: Chip enable
CL: Synchronization clock
DI: Transfer data
DO: Output data
-
O
OPEN
INH
96
Input that turns the display off, disables key scanning, and
forces the general-purpose output ports low.
• When INH is low (VSS):
• Display off
S1 to S64=”L” (VLCD4)
S65/COM9=”L” (VLCD4)
COM1 to COM8=”L” (VLCD4)
• General-purpose output ports P1 to P3=low (VSS)
• Key scanning disabled: KS1 to KS7=low (VSS)
• All the key data is reset to low.
• When INH is high (VDD):
• Display on
• The state of the pins as key scan output pins or
general-purpose output ports can be set with the
"set key scan output port/general-purpose output
port state" instruction.
• Key scanning is enabled.
However, serial data can be transferred when the INH pin is low.
L
I
VDD
TEST
94
This pin must be connected to ground.
-
I
-
VLCD0
88
LCD drive 4/4 bias voltage (high level) supply pin. The level on this
pin can be changed by the display contrast adjustment circuit.
However, (VLCD0 - VLCD4) must be greater than or equal to 4.5V.
Also, external power must not be applied to this pin since the pin
circuit includes the display contrast adjustment circuit.
-
O
OPEN
VLCD1
89
LCD drive 3/4 bias voltage (middle level) supply pin. This pin can
be used to supply the 3/4 (VLCD - VLCD4) voltage level externally.
-
I
OPEN
VLCD2
90
LCD drive 2/4 bias voltage (middle level) supply pin. This pin can
be used to supply the 2/4 (VLCD0 - VLCD4) voltage level
externally.
-
I
OPEN
Continued on next page.


同様の部品番号 - LC75812PT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75812PT ONSEMI-LC75812PT Datasheet
590Kb / 55P
   Duty Dot Matrix LCD Controller / Driver
June 2017 - Rev. 1
LC75812PT-8565-H ONSEMI-LC75812PT-8565-H Datasheet
590Kb / 55P
   Duty Dot Matrix LCD Controller / Driver
June 2017 - Rev. 1
LC75812PTH-8565-H ONSEMI-LC75812PTH-8565-H Datasheet
590Kb / 55P
   Duty Dot Matrix LCD Controller / Driver
June 2017 - Rev. 1
LC75812PTS-8565-H ONSEMI-LC75812PTS-8565-H Datasheet
590Kb / 55P
   Duty Dot Matrix LCD Controller / Driver
June 2017 - Rev. 1
More results

同様の説明 - LC75812PT

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75817E SANYO-LC75817E Datasheet
829Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com