データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75844M データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LC75844M
部品情報  1/4-Duty General-Purpose LCD Display Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75844M データシート(HTML) 2 Page - Sanyo Semicon Device

  LC75844M_08 Datasheet HTML 1Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 2Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 3Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 4Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 5Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 6Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 7Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 8Page - Sanyo Semicon Device LC75844M_08 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LC75844M
No.6235-2/15
Specifications
Absolute Maximum Ratings
at Ta = 25
°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
VDD max
VDD
-0.3 to +7.0
Maximum supply voltage
VLCD max
VLCD
-0.3 to +7.0
V
VIN1
CE, CL, DI, INH
-0.3 to +7.0
VIN2
OSC
-0.3 to VDD+0.3
Input voltage
VIN3
VLCD1, VLCD2
-0.3 to VLCD+0.3
V
VOUT1
OSC
-0.3 to VDD+0.3
Output voltage
VOUT2
S1 to S22, COM1 to COM4, P1 to P4
-0.3 to VLCD+0.3
V
IOUT1
S1 to S22
300
μA
IOUT2
COM1 to COM4
3
Output current
IOUT3
P1 to P4
5
mA
Allowable power dissipation
Pd max
Ta = 85
°C
100
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Allowable Operating Ranges
at Ta = -40 to +85
°C, VSS = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
VDD
VDD
2.7
6.0
Supply voltage
VLCD
VLCD
2.7
6.0
V
VLCD1
VLCD1
2/3VLCD
VLCD
Input voltage
VLCD2
VLCD2
1/3VLCD
VLCD
V
Input high-level voltage
VIH
CE, CL, DI, INH
0.8VDD
6.0
V
Input low-level voltage
VIL
CE, CL, DI, INH
0
0.2VDD
V
Recommended external resistor
Rosc
OSC
43
k
Ω
Recommended external capacitor
Cosc
OSC
680
pF
Oscillation guaranteed range
fosc
OSC
25
50
100
kHz
Data setup time
tds
CL, DI
[Figure 2]
160
ns
Data hold time
tdh
CL, DI
[Figure 2]
160
ns
CE wait time
tcp
CE, CL
[Figure 2]
160
ns
CE setup time
tcs
CE, CL
[Figure 2]
160
ns
CE hold time
tch
CE, CL
[Figure 2]
160
ns
High-level clock pulse width
t
φH
CL
[Figure 2]
160
ns
Low-level clock pulse width
t
φL
CL
[Figure 2]
160
ns
Rise time
tr
CE, CL, DI
[Figure 2]
160
ns
Fall time
tf
CE, CL, DI
[Figure 2]
160
ns
INH switching time
tc
INH, CE
[Figure 3]
10
μs


同様の部品番号 - LC75844M_08

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75844M SANYO-LC75844M Datasheet
133Kb / 14P
   1/4 Duty General-Purpose LCD Driver
More results

同様の説明 - LC75844M_08

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com