データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJ10005 データシート(PDF) 6 Page - Motorola, Inc

部品番号 MJ10005
部品情報  20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10005 データシート(HTML) 6 Page - Motorola, Inc

  MJ10005 Datasheet HTML 1Page - Motorola, Inc MJ10005 Datasheet HTML 2Page - Motorola, Inc MJ10005 Datasheet HTML 3Page - Motorola, Inc MJ10005 Datasheet HTML 4Page - Motorola, Inc MJ10005 Datasheet HTML 5Page - Motorola, Inc MJ10005 Datasheet HTML 6Page - Motorola, Inc MJ10005 Datasheet HTML 7Page - Motorola, Inc MJ10005 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MJ10005
6
Motorola Bipolar Power Transistor Device Data
The Safe Operating Area figures shown in Figures 11 and 12 are
specified ratings for these devices under the test conditions
shown.
50
4
Figure 11. Forward Bias Safe Operating Area
VCE, COLLECTOR EMITTER VOLTAGE (VOLTS)
10
2
1
0.5
0.1
0.02
6
10
20
40
400
BONDING WIRE LIMITED
THERMALLY LIMITED
SECOND BREAKDOWN LIMITED
60
0.005
TC = 25°C
dc
0.2
100
200
350
100
µs
10
µs
20
0
Figure 12. Reverse Bias Switching
Safe Operating Area
VCE, COLLECTOR EMITTER VOLTAGE (VOLTS)
16
12
0
500
4
8
300
400
100
200
VBE(off) = 5 V
TURN OFF LOAD LINE
BOUNDARY FOR MJ10005.
THE LOCUS FOR MJ10004
IS 50 V LESS
1 ms
5 ms
CURVES APPLY BELOW RATED VCEO
MJ10005
VBE(off) = 2 V
VBE(off) = 0 V
TJ v 100°C
0.01
0.05
5
20
SAFE OPERATING AREA INFORMATION
FORWARD BIAS
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation,
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 11 is based on TC = 25_C; TJ(pk) is
variable depending on power level. Second breakdown pulse
limits are valid for duty cycles to 10% but must be derated
when TC ≥ 25_C. Second breakdown limitations do not der-
ate the same as thermal limitations. Allowable current at the
voltages shown on Figure 11 may be found at any case tem-
perature by using the appropriate curve on Figure 13.
TJ(pk) may be calculated from the data in Figure 10. At high
case temperatures, thermal limitations will reduce the power
that can be handled to values less than the limitations im-
posed by second breakdown.
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn–off, in most cases, with
the base to emitter junction reverse biased. Under these
conditions the collector voltage must be held to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping,
RC snubbing, load line shaping, etc. The safe level for these
devices is specified as VCEX(sus) at a given collector current
and represents a voltage–current condition that can be sus-
tained during reverse biased turn–off. This rating is verified
under clamped conditions so that the device is never sub-
jected to an avalanche mode. Figure 12 gives the complete
reverse bias safe operating area characteristics.
100
80
60
20
0
0
40
80
120
200
Figure 13. Power Derating
TC, CASE TEMPERATURE (°C)
THERMAL DERATING
SECOND BREAKDOWN
DERATING
160
40


同様の部品番号 - MJ10005

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
MJ10005 MOSPEC-MJ10005 Datasheet
182Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
logo
Wing Shing Computer Com...
MJ10005 WINGS-MJ10005 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10005 BOCA-MJ10005 Datasheet
189Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE
logo
New Jersey Semi-Conduct...
MJ10005 NJSEMI-MJ10005 Datasheet
109Kb / 2P
   NPN Silicon Power Darlington Transistor with Base-Emitter Speedup Diode
More results

同様の説明 - MJ10005

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
MJ13333 MOTOROLA-MJ13333 Datasheet
278Kb / 8P
   20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJ10009 MOTOROLA-MJ10009 Datasheet
235Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
BU323A MOTOROLA-BU323A Datasheet
239Kb / 6P
   16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
   50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
logo
Motorola, Inc
MJD47 MOTOROLA-MJD47 Datasheet
184Kb / 6P
   NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com