データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC72131K データシート(PDF) 9 Page - Sanyo Semicon Device

部品番号 LC72131K
部品情報  PLL Frequency Synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72131K データシート(HTML) 9 Page - Sanyo Semicon Device

Back Button LC72131K Datasheet HTML 5Page - Sanyo Semicon Device LC72131K Datasheet HTML 6Page - Sanyo Semicon Device LC72131K Datasheet HTML 7Page - Sanyo Semicon Device LC72131K Datasheet HTML 8Page - Sanyo Semicon Device LC72131K Datasheet HTML 9Page - Sanyo Semicon Device LC72131K Datasheet HTML 10Page - Sanyo Semicon Device LC72131K Datasheet HTML 11Page - Sanyo Semicon Device LC72131K Datasheet HTML 12Page - Sanyo Semicon Device LC72131K Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LC72131K, LC72131KMA
No.A0788-9/22
Control Data Functions
No.
Control block/data
Functions
Related data
(1)
Programmable
divider data
P0 to P15
DVS, SNS
Data that sets the divisor of the programmable divider.
A binary value in which P15 is the MSB. The LSB changes depending on
DVS and SNS. (*: don’t care)
Note: P0 to P3 are ignored when P4 is the LSB.
Selects the signal input pin (AMIN or FMIN) for the programmable divider, switches
the input frequency range. (*: don’t care)
Note: See the “Programmable Divider Structure” item for more information.
(2)
Reference divider
data
R0 to R3
XS
Reference frequency (fref) selection data.
Note *: PLL INHIBIT
The programmable divider block and the IF counter block are stopped, the FMIN, AMIN,
and IFIN pins are set to the pull-down state (ground), and the charge pump goes to the
high impedance state.
Crystal resonator selection
XS=0: 4.5MHz
XS=1: 7.2MHz
The 7.2MHz frequency is selected after the power-on reset.
(3)
IF counter control
data
CTE
GT0, GT1
IF counter measurement start data
CTE=1: Counter start
=0: Counter reset
Determines the IF counter measurement period.
Note: See the “IF Counter Structure” item for more information.
IFS
Continued on next page.
Twice the value of the setting
The value of the setting
The value of the setting
272 to 65535
272 to 65535
4 to 4095
Actual divisor
Divisor setting (N)
LSB
SNS
P0
P0
P4
*
1
0
1
0
0
DVS
10 to 160MHz
2 to 40MHz
0.5 to 10MHz
FMIN
AMIN
AMIN
Input frequency range
Input pin
SNS
*
1
0
1
0
0
DVS
1
* PLL INHIBIT
* PLL INHIBIT + X'tal OSC STOP
1
0
1
1
1
1
1
0
1
0
0
1
1
1
1
3
15
10
9
5
1
0
1
0
1
0
0
1
1
0
0
0
0
1
1
1
1
100kHz
50
25
25
12.5
6.25
3.125
3.125
0
1
0
1
0
1
0
1
0
0
1
1
0
0
1
1
0
0
0
0
1
1
1
1
0
0
0
0
0
0
0
0
Reference frequency
R0
R1
R2
R3
Wait time (ms)
Measurement time (ms)
GT0
GT1
3 to 4
3 to 4
7 to 8
7 to 8
4
8
32
64
0
1
0
1
0
0
1
1


同様の部品番号 - LC72131K

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
ON Semiconductor
LC72131K ONSEMI-LC72131K Datasheet
228Kb / 22P
   PLL Frequency Synthesizer
June, 2013
logo
Sanyo Semicon Device
LC72131KM SANYO-LC72131KM Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
ON Semiconductor
LC72131KMA ONSEMI-LC72131KMA Datasheet
228Kb / 22P
   PLL Frequency Synthesizer
June, 2013
LC72131KMA-AE ONSEMI-LC72131KMA-AE Datasheet
228Kb / 22P
   PLL Frequency Synthesizer
June, 2013
More results

同様の説明 - LC72131K

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com