データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS9004ISN16TP データシート(PDF) 4 Page - Touchstone Semiconductor Inc

部品番号 TS9004ISN16TP
部品情報  Low-Power Single/Dual-Supply Quad Comparator with Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9004ISN16TP データシート(HTML) 4 Page - Touchstone Semiconductor Inc

  TS9004ISN16TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TS9004
Page 4
TS9004DS r1p0
RTFDS
ELECTRICAL CHARACTERISTICS – 3V OPERATION
V+ = 3V, V- = GND = 0V; TA = -40ºC to +85ºC, unless otherwise noted. Typical values are at TA = +25ºC. See Note 1.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIREMENTS
Supply Current
IN+ = IN- + 100mV
TA = +25°C
3.8
4.8
µA
-40°C to +85°C
6.5
COMPARATOR
Input Offset Voltage
VCM = 1.5V
TA = +25°C
±4.5
mV
-40°C to +85°C
±10
Input Leakage Current (IN-, IN+)
IN+ = IN- = 1.5V
TA = +25°C
±0.01
±1
nA
-40°C to +85°C
±0.01
±2.5
Input Common-Mode Voltage Range
V-
V+ – 1.3V
V
Common-Mode Rejection Ratio
V- to (V+ – 1.3V)
0.2
1
mV/V
Power-Supply Rejection Ratio
V+ = 2.5V to 11V
0.1
1
mV/V
Output Voltage Noise
100Hz to 100kHz
20
μVRMS
Response Time
(High-to-Low Transition)
TA = +25°C, 100pF Load
Overdrive = 10 mV
17
µs
Overdrive = 100 mV
7
Response Time
(Low-to-High Transition)
TA = +25°C, 100pF Load
Overdrive = 10 mV
17
μs
Overdrive = 100 mV
7
Output High Voltage
-40°C to +85°C; IOUT = 10mA
V+ – 0.4
V
Output Low Voltage
-40°C to +85°C; IOUT = 0.8mA
GND + 0.4
V
Dual Supply
-40°C to +85°C; IOUT = 0.8mA
V- + 0.4
V
REFERENCE
Reference Voltage
TA = +25°C
1.170
1.182
1.194
V
-40°C to +85°C
1.158
1.206
Reference Line Regulation
2.5V ≤ (V+ - V-) ≤ 3V
TA = +25°C
0.25
mV/V
Source Current
∆VREF = 1%
TA = +25°C
20
25
μA
-40°C to +85°C
6
Sink Current
∆VREF = 1%
TA = +25°C
10
15
μA
-40°C to +85°C
4
Output Voltage Noise
100Hz to 100kHz
100
μVRMS
Note 1:
All specifications are 100% tested at TA = +25°C. Specification limits over temperature (TA = TMIN to TMAX) are guaranteed by device
characterization, not production tested.
Note 2:
The TS9004 comparator operates below 2.5V. Refer to the “Low-Voltage Operation: V+ = 1.5V” section.


同様の部品番号 - TS9004ISN16TP

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS9004ISN16TP TOUCHSTONE-TS9004ISN16TP Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
More results

同様の説明 - TS9004ISN16TP

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS9004DB TOUCHSTONE-TS9004DB Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004 SILABS-TS9004 Datasheet
1Mb / 13P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
   Single Power Supply Quad Comparator
logo
Linear Technology
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com