データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC822973 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LC822973
部品情報  CMOS LSI TV Image Viewer LSI
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC822973 データシート(HTML) 1 Page - Sanyo Semicon Device

  LC822973 Datasheet HTML 1Page - Sanyo Semicon Device LC822973 Datasheet HTML 2Page - Sanyo Semicon Device LC822973 Datasheet HTML 3Page - Sanyo Semicon Device LC822973 Datasheet HTML 4Page - Sanyo Semicon Device LC822973 Datasheet HTML 5Page - Sanyo Semicon Device LC822973 Datasheet HTML 6Page - Sanyo Semicon Device LC822973 Datasheet HTML 7Page - Sanyo Semicon Device LC822973 Datasheet HTML 8Page - Sanyo Semicon Device LC822973 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
O1012HKPC 20101028-S00001 No.A2131-1/27
Ver.1.07
* I
2C Bus is a trademark of Philips Corporation.
LC822973
Overview
This LSI is TV image viewer. A 16Mbit SDRAM is built-in as image frame buffers, on which an external CPU is
able to draw the images, then another part of this LSI displays the SDRAM images on TV in NTSC/PAL after video
data encoding. This LSI equips H/V scaling circuit to scale up QVGA size image to VGA to display on the TV screen,
for instance.
The main features of this LSI are specified as below.
Features
• NTSC/PAL video encoder is integrated.
Various format support
ITU-R601 (13.5MHz/NTSC&PAL) SQ (12.27MHz/NTSC, 14.75MHz/PAL)
NTSC-J, M/PAL-B, D, G, H, I/PAL-M, N
Various image adjustment
Y signal: brightness and contrast adjustment
C signal:U gain, V gain, HUE and Burst amplitude adjustment
Trap filter
Trap filters locate on the Y signal pass to reduce cross color interference. The trap strength is adjustable by
register setup.
Built-in color bar
This is for system test and level adjustment.
10 bit DAC with 75
Ω driver
A high accuracy video DAC of 10bit is built-in. Its DAC output is able to be connected to TV input or any
image devices, thanks for its 75
Ω driver built-in.
• It mounts 16Mbit SDRAM to store multiple VGA size images. Since it has the arbitration function built-in, the
access timing from CPU for drawing can be used without any care of real-time access condition for TV display.
VGA 30fps performance can be achieved with appropriate setting of system clock, the burst size of SDRAM,
scaling ratio etc.
Continued to the next page.
Ordering number : ENA2131
CMOS LSI
TV Image Viewer LSI


同様の部品番号 - LC822973

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC82293 SANYO-LC82293 Datasheet
197Kb / 2P
   Image Memory Controller
More results

同様の説明 - LC822973

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
   Image Processing LSI
logo
Sanyo Semicon Device
LC749880T SANYO-LC749880T Datasheet
118Kb / 17P
   Silicon gate Image controller LSI for LCD-TV
logo
Motorola, Inc
MCM14537 MOTOROLA-MCM14537 Datasheet
384Kb / 8P
   CMOS LSI
logo
Sanyo Semicon Device
LC78646E SANYO-LC78646E Datasheet
238Kb / 5P
   CMOS LSI
LC99053 SANYO-LC99053 Datasheet
94Kb / 14P
   CMOS LSI
LC7881 SANYO-LC7881 Datasheet
301Kb / 8P
   CMOS LSI
LC8935 SANYO-LC8935 Datasheet
216Kb / 9P
   CMOS LSI
LC72725V SANYO-LC72725V Datasheet
253Kb / 8P
   CMOS LSI
LC587408A SANYO-LC587408A Datasheet
434Kb / 16P
   CMOS LSI
LC78626KE SANYO-LC78626KE Datasheet
235Kb / 33P
   CMOS LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com