データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC717A00AJ データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 LC717A00AJ
部品情報  Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC717A00AJ データシート(HTML) 1 Page - Sanyo Semicon Device

  LC717A00AJ Datasheet HTML 1Page - Sanyo Semicon Device LC717A00AJ Datasheet HTML 2Page - Sanyo Semicon Device LC717A00AJ Datasheet HTML 3Page - Sanyo Semicon Device LC717A00AJ Datasheet HTML 4Page - Sanyo Semicon Device LC717A00AJ Datasheet HTML 5Page - Sanyo Semicon Device LC717A00AJ Datasheet HTML 6Page - Sanyo Semicon Device LC717A00AJ Datasheet HTML 7Page - Sanyo Semicon Device LC717A00AJ Datasheet HTML 8Page - Sanyo Semicon Device LC717A00AJ Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
D1912HKPC 20121129-S00003/71112HK No.A2089-1/11
Ver1.0.1
* I
2C Bus is a trademark of Philips Corporation.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
LC717A00AJ
Overview
The LC717A00AJ is a high-performance, low-cost capacitance-digital-converter LSI for electrostatic capacitive touch
sensor, especially focused on usability. It has 8 channels capacitance-sensor input. The built-in logic circuit can detect
the state (ON/OFF) of each input and output the result. This makes it ideal for various switch applications.
The calibration function is automatically performed by the built-in logic circuit during power activation or whenever
there are environmental changes. In addition, since initial settings of parameters, such as gain, are configured,
LC717A00AJ can operate as stand-alone when the recommended switch pattern is applied.
Also, since LC717A00AJ has a serial interface compatible with I2C and SPI bus, parameters can be adjusted using
external devices whenever necessary. Moreover, outputs of the 8-input capacitance data can be detected and measured
as 8-bit data.
Features
• Detection system: Differential capacitance detection (Mutual capacitance type)
• Input capacitance resolution: Can detect capacitance changes in the femto Farad order
• Measurement interval (8 differential inputs): 18ms (Typ) (at initial configuration),
3ms (Typ) (at minimum interval configuration)
• External components for measurement: Not required
• Current consumption: 320μA (Typ) (VDD = 2.8V), 740μA (Typ) (VDD = 5.5V)
• Supply voltage: 2.6V to 5.5V
• Detection operations: Switch
• Packages: SSOP30
• Interface: I
2C * compatible bus or SPI selectable.
Ordering number : ENA2089A
CMOS LSI
Capacitance-Digital-Converter LSI
for Electrostatic Capacitive Touch
Sensors


同様の部品番号 - LC717A00AJ

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC717A00AJ ONSEMI-LC717A00AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
LC717A00AJ ONSEMI-LC717A00AJ Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
LC717A00AJ-AH ONSEMI-LC717A00AJ-AH Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
LC717A00AJ ONSEMI-LC717A00AJ_17 Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
More results

同様の説明 - LC717A00AJ

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ENA2089A ONSEMI-ENA2089A Datasheet
146Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
logo
Sanyo Semicon Device
LC717A10AJ SANYO-LC717A10AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A00AR SANYO-LC717A00AR Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A10AR SANYO-LC717A10AR Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
ENA2162 ONSEMI-ENA2162 Datasheet
144Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
LC717A00AJ ONSEMI-LC717A00AJ_17 Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
LC71F7001PVBS0 ONSEMI-LC71F7001PVBS0 Datasheet
227Kb / 36P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2017 ??Rev. 1
LC717A00AR ONSEMI-LC717A00AR Datasheet
139Kb / 13P
   Capacitance-Digital-Converter LSI
October, 2017 ??Rev. 3
LC717A30UJ ONSEMI-LC717A30UJ Datasheet
335Kb / 14P
   Capacitance-Digital-Converter LSI
2016 December - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com