データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK621-033N-E データシート(PDF) 7 Page - Sanyo Semicon Device

部品番号 STK621-033N-E
部品情報  3-phase Inverter Motor Drive Inverter Hybrid IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK621-033N-E データシート(HTML) 7 Page - Sanyo Semicon Device

  STK621-033N-E Datasheet HTML 1Page - Sanyo Semicon Device STK621-033N-E Datasheet HTML 2Page - Sanyo Semicon Device STK621-033N-E Datasheet HTML 3Page - Sanyo Semicon Device STK621-033N-E Datasheet HTML 4Page - Sanyo Semicon Device STK621-033N-E Datasheet HTML 5Page - Sanyo Semicon Device STK621-033N-E Datasheet HTML 6Page - Sanyo Semicon Device STK621-033N-E Datasheet HTML 7Page - Sanyo Semicon Device STK621-033N-E Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STK621-033N-E
No.A2127-7/8
Recommendation Operating Conditions
Parameter
Symbol
Conditions
min
typ
max
unit
Supply voltage
VCC
+ -
0
280
400
V
VD1, 2, 3
VB1 - U, VB2 - V, VB3 - W
12.5
15
17.5
Pre-driver supply voltage
VD4
VDD - VSS *1
13.5
15
16.5
V
Input ON voltage
VIN(ON)
0
0.3
Input OFF voltage
VIN(OFF)
HIN1, HIN2, HIN3,
LIN1, LIN2, LIN3 Terminal
3.5
5
V
PWM frequency
fPWM
1
10
kHz
Dead time
DT
Upper/lower input signal downtime
2
μs
Tightening torque
MT
‘M3’ Type Screw
0.8
1.0
N•m
*1. Pre-driver power supply (VD4 = 15
±1.5V) must have the capacity of IO = 20mA (DC), 0.5A (Peak).
Usage Precaution
1. By the addition of the diode for the bootstrap (DB : high speed type of trr 100ns or less, withstand voltage equal to or
more than 600V) and of the capacitor (CB : about 1 to 47
μF), a single power supply drive is enabled. In this case, it
makes a lower side IGBT ON (input signal of lower side makes LOW).
Then it charges in CB. Incidentally, in case of start-up and so, when the voltage of CB is low, the big charging
electric current flows and sometimes becomes the cause which exerts a bad influence of noise and so on. Put
limitation resistor RB (Several
Ω to about tens of Ω).
(When not using the bootstrap circuit, each upper side pre-drive power supply needs an external independent power
supply.)
Also, the upper side power supply voltage sometimes declines by the way of controlling. Please confirm.
2. Because the jump voltage which is accompanied by the vibration in case of switching operation occurs by the
influence of the floating inductance of the wiring of the outer power supply which is connected with of the + terminal
and the – terminal, restrains and spares serge voltage being as the connection of the snubber circuit
(Capacitor/CS/about 0.22 - 10
μF) for the voltage absorption with the neighborhood as possible between + and the –
terminal, and so on, with making a wiring length (among the terminals each from CI) short and making a wiring
inductance small.
3. ISO terminal (20pin) is for the electric current monitor. When the pull up with the resistance,use above 5.6k
Ω Be
careful, because the overcurrent protection does not operate when short-circuiting in the ISO terminal and the VSS
terminal.
4. Output form of the FAULT terminal is open DRAIN (it is operating as FAULT when becoming LOW).
When the pull up with the resistance, use above 5.6k
Ω.
5. Zener diode with 5V (5.0 - 5.4V) is connected with the inside of the signal input terminal.When inputting the voltage
which exceeds 5V,connect resistor to between the side of the power and the signal input terminal,for the input current
of the signal input terminal become equal to or less than 0.5mA.
This resistor is effective with the noise absorption of the signal terminal,too.
6. The overcurrent protection feature operates only when it is possible to do a circuit control normally. For the safety,
put a fuse, and so on in the VCC line.
7. Because the IC sometimes destroys and bursts when motor connection terminal (2pin, 5pin, 8pin) becomes open
while the motor turns, especially, be careful of the connection ( the soldering condition ) of this terminal.
8. The over current protection feature operates normally when an external resistor RSD is connected between the ISD
and Vss terminals. Be sure to connect this resistor. The Level of the overcurrent protection current is variable
according to the RSD value.Select an RSD resistor of an optimum value
while referring to the formula shown on a separate sheet and connect it between the ISD and VSS terminals.
9. If - terminal and VSS terminal are short-circuited, since an over-current protection (ISD) value will become lower
than the inside setting value of HIC, please do not connect externally.
(–terminal and VSS terminal are connected inside HIC)
This data shows the example of the application circuit, does not guarantee a design as the mass production set.


同様の部品番号 - STK621-033N-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK621-031 SANYO-STK621-031 Datasheet
340Kb / 10P
   TENTATIVE
More results

同様の説明 - STK621-033N-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK621-061-E SANYO-STK621-061-E Datasheet
87Kb / 8P
   3-phase Inverter Motor Drive Inverter Hybrid IC
STK611-721-E SANYO-STK611-721-E Datasheet
131Kb / 9P
   Fan 3-phase Inverter Motor Drive Inverter Hybrid IC
logo
ON Semiconductor
STK621-061-E ONSEMI-STK621-061-E Datasheet
85Kb / 8P
   3-Phase Motor Drive Inverter Hybrid IC
July, 2013
STK611-721-E ONSEMI-STK611-721-E Datasheet
129Kb / 9P
   3-Phase Motor Drive Inverter Hybrid IC
July, 2013
logo
Sanken electric
SMA5135 SANKEN-SMA5135 Datasheet
484Kb / 9P
   3-phase Motor Drive Inverter
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Sanyo Semicon Device
STK628-130-E SANYO-STK628-130-E Datasheet
64Kb / 6P
   Inverter for IH Cooker Inverter Hybrid IC
logo
Semikron International
IGD-1-424-P1N4-DL-FA SEMIKRON-IGD-1-424-P1N4-DL-FA Datasheet
409Kb / 6P
   3-phase inverter
logo
Fairchild Semiconductor
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com