データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK621-061-E データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 STK621-061-E
部品情報  3-phase Inverter Motor Drive Inverter Hybrid IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK621-061-E データシート(HTML) 2 Page - Sanyo Semicon Device

  STK621-061-E Datasheet HTML 1Page - Sanyo Semicon Device STK621-061-E Datasheet HTML 2Page - Sanyo Semicon Device STK621-061-E Datasheet HTML 3Page - Sanyo Semicon Device STK621-061-E Datasheet HTML 4Page - Sanyo Semicon Device STK621-061-E Datasheet HTML 5Page - Sanyo Semicon Device STK621-061-E Datasheet HTML 6Page - Sanyo Semicon Device STK621-061-E Datasheet HTML 7Page - Sanyo Semicon Device STK621-061-E Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STK621-061-E
No.A1032-2/8
Specifications
Absolute Maximum Ratings at Tc = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Supply voltage
VCC
+ -
−, surge < 500V
*1
450
V
Collector-emitter voltage
VCE
+ - U (V, W) or U (V, W) -
600
V
Output current
IO
+,
−, U, V, W terminal current
±30
A
Output peak current
Iop
+,
−, U, V, W terminal current PW = 100μs
±45
A
Pre-driver supply voltage
VD1, 2, 3, 4
VB1 - U, VB2 - V, VB3 - W, VDD - VSS
*2
20
V
Input signal voltage
VIN
HIN1, 2, 3, LIN1, 2, 3 terminal
0 to 7
V
FAULT terminal voltage
VFAULT
FAULT terminal
20
V
Maximum loss
Pd
Per 1 channel
49
W
Junction temperature
Tj
IGBT, FRD junction temperature
150
°C
Storage temperature
Tstg
-40 to +125
°C
Operating temperature
TC
H-IC case temperature
-20 to +100
°C
Tightening torque
A screw part at use M4 type screw
*3
1.17
N•m
Withstand voltage
Vis
50Hz sine wave AC 1 minute
*4
2000
VRMS
In the case without the instruction, the voltage standard is - terminal = VSS terminal voltage.
*1 Surge voltage developed by the switching operation due to the wiring inductance between the + and –terminals.
*2 VD1 = between VB1-U, VD2 = VB2-V, VD3 = VB3-W, VB4 = VDD-VSS, terminal voltage.
*3 Flatness of the heat-sink should be lower than 0.25mm.
*4 The test condition is AC 2500V, 1 second.
Electrical Characteristics at Tc=25
°C, VD=15V
Ratings
Parameter
Symbol
Conditions
Test
Circuit
min
typ
max
unit
Power output part
Collector-to-emitter cut-off current
ICE
VCE = 600V
Fig.1
0.5
mA
Boot-strap diode reverse current
IR (BD)
VR (BD) = 600V
Fig.1
0.5
mA
Upper side
1.8
V
Collector-to-emitter saturation voltage
VCE (SAT)
IO = 15A
Lower side
Fig.2
2.0
V
Upper side
1.7
V
Diode forward voltage
VF
IO = -15A
Lower side
Fig.3
1.9
V
θj-c (T)
IGBT
2.1
°C/W
Junction-to-substrate thermal resistance
θj-c (D)
FWD
2.5
°C/W
Control (Pre-driver) part
VD1, 2, 3 = 15V
0.07
0.4
Pre-drive power supply consumption
electric current
ID
VD4 = 15V
Fig.4
2
5
mA
Input ON voltage
VIH
Output ON
0.8
V
Input OFF voltage
VIL
Output OFF
3.0
V
Protection part
Excessive temperature
TSD
The substrate surface
100
120
°C
Overcurrent protection electric current
ISD
PW = 100
μs
Fig.5
46
58
A
Pre-drive low voltage protection
UVLO
10
12
V
Fault terminal input electric current
IOSD
VFault = 0.1V
0.5
mA
Fault clearness delay time
FLTCLR
After each protection
operation ending
18
80
ms
Board Temperature Mounting resistance
Rt
Resistance between the Fault
and VSS terminals
90
110
k
Ω
tON
0.8
μs
Switching time
tOFF
IO = 15A, Inductive load
Fig.6
1.0
μs
Electric current output signal level
ISO
IO = 15A
0.141
V
In the case without the instruction, the voltage standard is - terminal = VSS terminal voltage.


同様の部品番号 - STK621-061-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
STK621-061-E ONSEMI-STK621-061-E Datasheet
85Kb / 8P
   3-Phase Motor Drive Inverter Hybrid IC
July, 2013
More results

同様の説明 - STK621-061-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK621-033N-E SANYO-STK621-033N-E Datasheet
83Kb / 8P
   3-phase Inverter Motor Drive Inverter Hybrid IC
STK611-721-E SANYO-STK611-721-E Datasheet
131Kb / 9P
   Fan 3-phase Inverter Motor Drive Inverter Hybrid IC
logo
ON Semiconductor
STK621-061-E ONSEMI-STK621-061-E Datasheet
85Kb / 8P
   3-Phase Motor Drive Inverter Hybrid IC
July, 2013
STK611-721-E ONSEMI-STK611-721-E Datasheet
129Kb / 9P
   3-Phase Motor Drive Inverter Hybrid IC
July, 2013
logo
Sanken electric
SMA5135 SANKEN-SMA5135 Datasheet
484Kb / 9P
   3-phase Motor Drive Inverter
logo
ON Semiconductor
STK5F1U3C2D-E ONSEMI-STK5F1U3C2D-E Datasheet
455Kb / 15P
   Inverter Power H-IC for 3-phase Motor Drive
July, 2014 Ver.140520DS
logo
Sanyo Semicon Device
STK628-130-E SANYO-STK628-130-E Datasheet
64Kb / 6P
   Inverter for IH Cooker Inverter Hybrid IC
logo
Semikron International
IGD-1-424-P1N4-DL-FA SEMIKRON-IGD-1-424-P1N4-DL-FA Datasheet
409Kb / 6P
   3-phase inverter
logo
Fairchild Semiconductor
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com