データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1854 データシート(PDF) 9 Page - Analog Devices

部品番号 AD1854
部品情報  Stereo, 96 kHz, Multibit DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1854 データシート(HTML) 9 Page - Analog Devices

Back Button AD1854 Datasheet HTML 4Page - Analog Devices AD1854 Datasheet HTML 5Page - Analog Devices AD1854 Datasheet HTML 6Page - Analog Devices AD1854 Datasheet HTML 7Page - Analog Devices AD1854 Datasheet HTML 8Page - Analog Devices AD1854 Datasheet HTML 9Page - Analog Devices AD1854 Datasheet HTML 10Page - Analog Devices AD1854 Datasheet HTML 11Page - Analog Devices AD1854 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD1854
–9–
REV. A
tDLS
BCLK
L/
RCLK
SDATA
LEFT-JUSTIFIED
MODE
SDATA
RIGHT-JUSTIFIED
MODE
LSB
SDATA
I2S-JUSTIFIED
MODE
tDBH
tDBP
tDBL
tDDS
MSB
MSB-1
tDDH
tDDS
MSB
tDDH
tDDS
tDDS
tDDH
tDDH
MSB
Figure 9. Serial Data Port Timing
BCLK
L/
RCLK
SDATA
LEFT-JUSTIFIED
DSP SERIAL
PORT STYLE MODE
MSB-1
tDBH
tDBP
tDBL
tDLS
tDLH
tDDS
tDDH
MSB
Figure 10. Serial Data Port Timing–DSP Serial Port Style Mode
PD/RST
MCLK
tPDRP
tDMP
tDMH
tDML
Figure 11.
Power-Down/Reset Timing
Timing Diagrams
The serial data port timing is shown in Figures 9 and 10. The
minimum bit clock HI pulsewidth is tDBH and the minimum bit
clock LO pulsewidth is tDBL. The minimum bit clock period is
tDBP. The left/right clock minimum setup time is tDLS and the
left/right clock minimum hold time is tDLH. The serial data
minimum setup time is tDDS and the minimum serial data hold
time is tDDH.
The power-down/reset timing is shown in Figure 11. The mini-
mum reset LO pulse width is tPDRP (four MCLK periods) to
accomplish a successful AD1854 reset operation.


同様の部品番号 - AD1854

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
More results

同様の説明 - AD1854

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com