データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1855JRS データシート(PDF) 6 Page - Analog Devices

部品番号 AD1855JRS
部品情報  Stereo, 96 kHz, Multibit DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1855JRS データシート(HTML) 6 Page - Analog Devices

Back Button AD1855JRS Datasheet HTML 2Page - Analog Devices AD1855JRS Datasheet HTML 3Page - Analog Devices AD1855JRS Datasheet HTML 4Page - Analog Devices AD1855JRS Datasheet HTML 5Page - Analog Devices AD1855JRS Datasheet HTML 6Page - Analog Devices AD1855JRS Datasheet HTML 7Page - Analog Devices AD1855JRS Datasheet HTML 8Page - Analog Devices AD1855JRS Datasheet HTML 9Page - Analog Devices AD1855JRS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AD1855
REV. B
–6–
OPERATING FEATURES
Serial Data Input Port
The AD1855’s flexible serial data input port accepts data in
twos-complement, MSB-first format. The left channel data field
always precedes the right channel data field. The input data
consists of either 16, 18, 20 or 24 bits, as established by the
mode select pins (IDPM0 Pin 21 and IDPM1 Pin 20) or the
mode select bits (Data 15 and 14) in the control register
through the SPI (Serial Peripheral Interface) control port. Nei-
ther the pins nor the SPI controls has preference; to ensure
proper control the selection not being used should be tied LO.
Therefore, when the SPI bits are used to control Serial Data
Input Format, Pins 20 and 21 should be tied LO. Similarly,
when the Pins are to be used to select the Data Format, the SPI
bits should be set to Zeros. When the SPI Control Port is not
being used, the SPI Pins (3, 4 and 5) should be tied LO.
Serial Data Input Mode
The AD1855 uses two multiplexed input pins to control the
mode configuration of the input data port mode as follows:
Table I. Serial Data Input Modes
IDPM1
IDPM0
(Pin 20)
(Pin 21)
Serial Data Input Format
0
0
Right Justified (16 Bits Only)
01
I
2S-Compatible
1
0
Left Justified
1
1
DSP
Figure 1 shows the right-justified mode. L/
RCLK is HI for the
left channel, LO for the right channel. Data is valid on the
rising edge of BCLK. The MSB is delayed 16 bit clock periods
from an L/
RCLK transition, so that when there are 64 BCLK
periods per L/
RCLK period, the LSB of the data will be right
justified to the next L/
RCLK transition. The right-justified
mode can only be used with 16-bit inputs.
Figure 2 shows the I
2S-justified mode. L/
RCLK is LO for the
left channel and HI for the right channel. Data is valid on the
rising edge of BCLK. The MSB is left justified to an L/
RCLK
transition but with a single BCLK period delay. The I
2S-justified
mode can be used with 16-/18-/20- or 24-bit inputs.
Figure 3 shows the left-justified mode. L/
RCLK is HI for the
left channel, and LO for the right channel. Data is valid on the
rising edge of BLCK. The MSB is left justified to an L/
RCLK
transition, with no MSB delay. The left-justified mode can be
used with 16-/18-/20- or 24-bit inputs.
Figure 4 shows the left-justified DSP serial port style mode.
L/
RCLK must pulse HI for at least one bit clock period before
the MSB of the left channel is valid, and L/
RCLK must pulse
HI again for at least one bit clock period before the MSB of the
right channel is valid. Data is valid on the falling edge of BCLK.
The left-justified DSP serial port style mode can be used with
16-/18-/20- or 24-bit inputs.
Note that in this mode, it is the responsibility of the DSP to
ensure that the left data is transmitted with the first L/
RCLK
pulse, and that synchronism is maintained from that point
forward.
The AD1855 is capable of a 32
× FS BCLK frequency “packed
mode” where the MSB is left justified to an L/
RCLK transition,
and the LSB is right justified to an L/
RCLK transition. L/RCLK
is HI for the left channel and LO for the right channel. Data is
valid on the rising edge of BLCK. Packed mode can be used
when the AD1855 is programmed in right- or left-justified
mode. Packed mode is shown is Figure 5.
Table II. Frequency Mode Settings
FS
96/
48
MCLK
X2MCLK
384/
256
Note
8
× Interpolation Mode
Normal, 32 kHz–48 kHz
0
256
× F
S
00
0
384
× FS
01
0
512
× FS
10
0
1
1
Not Allowed
4
× Interpolation Mode
Double FS (96 kHz)
1
128
× FS
00
1
(384/2)
× FS
01
1
256
× F
S
10
1
1
1
Not Allowed


同様の部品番号 - AD1855JRS

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
More results

同様の説明 - AD1855JRS

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1854 AD-AD1854 Datasheet
390Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1855 AD-AD1855_15 Datasheet
234Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com