データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSB-B75H データシート(PDF) 2 Page - AAEON Technology

部品番号 FSB-B75H
部品情報  Full-Size SBC with Intel 3rd Generation Core i7/i5/i3 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AAEON [AAEON Technology]
ホームページ  http://www.aaeon.com
Logo AAEON - AAEON Technology

FSB-B75H データシート(HTML) 2 Page - AAEON Technology

  FSB-B75H Datasheet HTML 1Page - AAEON Technology FSB-B75H Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
11-2
Dimension
Unit: mm
Ordering Information
FSB-B75H
Optional Accessories
TF-PER-U01H
HD Codec Audio Daughter Board
175920000D
CPU Fan + Heatsink
Passive Backplane Options
P/N
Description
Master Interface
Slots
Power Connector, ATX Extend Function
TF-BP-214SH-P3E2I6
Rackmount, PICMG 1.3, 14-Slot, Backplane, 3 PCI, 2 PCI-E, 6 ISA, Single Segment, ATX
PICMG 1.3
3/2/6/2 (PCI/PCI-E/ISA/PICMG 1.3)
ATX
TF-BP-208RH-P4E3
Rackmount, PICMG 1.3, 8-Slot, Backplane, 4 PCI, 2 PCI-E[x1], 1 PCI-E[x16], Single Segment, ATX
PICMG 1.3
4/2/1 (PCI/PCI-E [x1]/PCI-E [x16]/ PICMG1.3)
ATX
TF-BP-206VH-P4
Rackmount, PICMG 1.3, 6-slot Backplane, 4 PCI, Single Segment, ATX
PICMG 1.3
4/1 (PCI/ PICMG 1.3)
ATX
TF-BP-206VH-E4
Rackmount, PICMG 1.3, 6-slot Backplane, 4 PCI-E, Single Segment, ATX
PICMG 1.3
4/1 (PCI-E/ PICMG 1.3)
ATX
TF-BP-206SH-P3
Wallmount, PICMG 1.3, 6-Slot, Backplane, 3 PCI, 2 PCI-E, Single Segment, ATX
PICMG 1.3
3/2/1 (PCI/PCI-E/PICMG 1.3)
ATX
Part Number
CPU
RAM
Fan/Fanless Display
Storage
LVDS
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp.
FSB-B75H-A10-D
Socket
DIMM
Fan
DVI
SATA 6.0Gb/s x 1, SATA 3.0Gb/s x 2
(Backplane x 2), CFast™ x 1
GbE x 2
USB 3.0 x 4
USB 2.0 x 4
1
1
PICMG 1.3
ATX
0°C ~ 60°C
FSB-B75H-A10-V
Socket
DIMM
Fan
VGA
SATA 6.0Gb/s x 1, SATA 3.0Gb/s x 2
(Backplane x 2), CFast™ x 1
GbE x 2
USB 3.0 x 4
USB 2.0 x 4
1
1
PICMG 1.3
ATX
0°C ~ 60°C


同様の部品番号 - FSB-B75H

メーカー部品番号データシート部品情報
logo
AAEON Technology
FSB-B75G AAEON-FSB-B75G Datasheet
295Kb / 2P
   Full-Size SBC with Intel 3rd Generation Core i7/i5/i3 LGA 1155 Processor
FSB-B75G AAEON-FSB-B75G Datasheet
295Kb / 2P
   Full-Size SBC
FSB-B75G-A10-G2 AAEON-FSB-B75G-A10-G2 Datasheet
295Kb / 2P
   PICMG 1.0
FSB-B75G AAEON-FSB-B75G_15 Datasheet
295Kb / 2P
   Full-Size SBC
More results

同様の説明 - FSB-B75H

メーカー部品番号データシート部品情報
logo
AAEON Technology
FSB-B75G AAEON-FSB-B75G Datasheet
295Kb / 2P
   Full-Size SBC with Intel 3rd Generation Core i7/i5/i3 LGA 1155 Processor
TKS-G50-QM77 AAEON-TKS-G50-QM77 Datasheet
389Kb / 2P
   EmBox with Intel 3rd Generation Core i7/i5/i3 Mobile Processor
logo
Axiomtek Co., Ltd.
CAPA881 AXIOMTEK-CAPA881 Datasheet
192Kb / 1P
   4th Generation Intel Core i7/i5/i3 processor
logo
AAEON Technology
GENE-QM77 AAEON-GENE-QM77 Datasheet
466Kb / 2P
   3.5??SubCompact Board with Intel 3rd Generation Core i7/i5/i3 Mobile Processor
logo
Advantech Co., Ltd.
ARK-DS762 ADVANTECH-ARK-DS762 Datasheet
703Kb / 2P
   3rd Generation Intel Core i7/i5/i3 Digital Signage Platform
logo
AAEON Technology
EMB-H61B AAEON-EMB-H61B Datasheet
415Kb / 2P
   Mini-ITX Embedded Motherboard with Intel 2nd/3rd Generation Core i7/ i5/ i3 Processor
IMBA-H61A AAEON-IMBA-H61A Datasheet
460Kb / 2P
   ATX Industrial Motherboard with Intel 2nd/3rd Generation Core i7/ i5/ i3/ Pentium Processor
IMBA-Q77 AAEON-IMBA-Q77 Datasheet
549Kb / 2P
   Intel짰 3rd Generation Core??i7/ i5/ i3 LGA 1155 Processor
EMB-B75B AAEON-EMB-B75B Datasheet
397Kb / 2P
   Mini-ITX Embedded Motherboard with Intel 2nd/3rd Generation Core??i7/ i5/ i3 Processor
logo
Axiomtek Co., Ltd.
SHB120 AXIOMTEK-SHB120_17 Datasheet
189Kb / 1P
   PICMG 1.3 Full-size CPU Card with LGA1155 3rd Gen Intel Core i7/i5/i3 Processor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com