データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA1776M データシート(PDF) 2 Page - Sanyo Semicon Device

部品番号 LA1776M
部品情報  Single-Chip Tuner IC for Car Radios
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1776M データシート(HTML) 2 Page - Sanyo Semicon Device

  LA1776M_09 Datasheet HTML 1Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 2Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 3Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 4Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 5Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 6Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 7Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 8Page - Sanyo Semicon Device LA1776M_09 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
No.8085-2/41
LA1776M
Recommended Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum Recommended supply voltage
VCC
Pins 5, 9, 40, 46, 54, 59, 60, and 61
8
V
VCCST IND
Pin 39
5
V
Operating supply voltage range
VCC op
7.5 to 8.5
V
Function List
FM Front End (Equivalent to the Sanyo LA1193)
• Double input type double balanced mixer, base injection
• Pin diode drive AGC output
• MOSFET second gate drive AGC output
• Keyed AGC adjustment pin
• Differential IF amplifier
• Wide band AGC sensitivity setting pin, and narrow band AGC sensitivity setting pin
FM IF
• IF limiter amplifier
• S-meter output (also used for AM) 6-stage pickup
• Multipath detection pin (shared FM signal meter)
• Quadrature detection
• AF preamplifier
• AGC output
• Band muting
• Soft muting adjustment pin
• Muting attenuation adjustment pin
• IF counter buffer output (also used for AM)
• SD (IF counter buffer on level) adjustment pin
• SD output (active high) (also used for AM)
• Time constant switching during band muting
• S-meter shifter
Noise Canceller
• High-pass filter (first order)
• Delay circuit based low-pass filter (fourth order)
• Noise AGC
• Pilot signal compensation circuit
• Noise sensitivity setting pin
• Function for disabling the noise canceller in AM mode
Multiplex Functions
• Adjustment-free VCO circuit
• Level follower type pilot canceller circuit
• HCC (high cut control)
• Automatic stereo/mono switching
• VCO oscillation stop function (AM mode)
• Forced monaural function
• SNC (stereo noise controller)
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC1 max
Pins 5, 40, and 61
9
V
VCC2 max
Pins 9, 46, 54, 59, and 60
12
V
Allowable power dissipation
Pd max
Ta
≤ 85°C
950
mW
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–40 to +150
°C


同様の部品番号 - LA1776M_09

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
More results

同様の説明 - LA1776M_09

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA1780M SANYO-LA1780M Datasheet
764Kb / 38P
   Single-Chip Tuner IC for Car Radios
LA1895M SANYO-LA1895M Datasheet
139Kb / 4P
   Single-Chip Tuner IC for Car Radios
logo
Silan Microelectronics ...
SA1787 SILAN-SA1787 Datasheet
1Mb / 19P
   SINGLE-CHIP TUNER IC FOR CAR RADIOS
logo
Sanyo Semicon Device
LA1781M SANYO-LA1781M Datasheet
567Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M_09 Datasheet
600Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1787M SANYO-LA1787M Datasheet
606Kb / 54P
   Single-Chip Tuner IC for Car Radios
LA1784M SANYO-LA1784M Datasheet
568Kb / 50P
   Single-Chip Tuner IC for Car Radios
LA1781M SANYO-LA1781M_09 Datasheet
514Kb / 48P
   For Car Radios Single-Chip Tuner IC
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com