データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA72910V データシート(PDF) 7 Page - Sanyo Semicon Device

部品番号 LA72910V
部品情報  FM Modulator and Demodulator IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72910V データシート(HTML) 7 Page - Sanyo Semicon Device

Back Button LA72910V Datasheet HTML 2Page - Sanyo Semicon Device LA72910V Datasheet HTML 3Page - Sanyo Semicon Device LA72910V Datasheet HTML 4Page - Sanyo Semicon Device LA72910V Datasheet HTML 5Page - Sanyo Semicon Device LA72910V Datasheet HTML 6Page - Sanyo Semicon Device LA72910V Datasheet HTML 7Page - Sanyo Semicon Device LA72910V Datasheet HTML 8Page - Sanyo Semicon Device LA72910V Datasheet HTML 9Page - Sanyo Semicon Device LA72910V Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LA72910V
No.A0783-7/10
Pin Description
Pin No.
Pin Name
Description
Equivalent circuit
1
Emphasis filter
Main Emphasis filter pin.
Before FM Modulation, make emphasis characteristic at
video signal.
Emphasis time constant must be matching at
de-emphasis time constant.
(If you don’t need the emphasis, this pin is open.)
2.7k
620
1
R1
C1
2
VCC5V
VCC pin. Supply voltage is 5V DC.
Please connect de-coupling capacitor.
3
Main_OUT
Push-Pull output pin.
MOD mode: FM carrier output. (1.8Vp-p: Rout=200
Ω)
DEMOD mode: Video signal output. (2.0Vp-p: Rout=1k
Ω)
3
MOD
DEMOD
4
Regulator filter
Internal regulator filter pin.
Please connect 0.1
µF (C1)
4
C1
5
VD_IN/FM_IN
DEMOD mode: FM signal input. Internal DC
bias is 3.3V. Please use capacitor (C1) coupling.
MOD mode: VD signal input. Please input VD signal
directory.
Please consider input impedance.
5
FM Sig
200
1k
C1
VD Sig
6
Mode control
MOD mode/ DEMOD mode setting pin.
MOD mode: Please set over 2V DC voltage. (2 to 5V).
DEMOD mode: Please set under 0.4V DC voltage.
(0 to 0.4V).
6
1k
Continued on next page.


同様の部品番号 - LA72910V

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA72910V SANYO-LA72910V Datasheet
164Kb / 10P
   Monolithic Linear IC FM Modulator and Demodulator IC
logo
ON Semiconductor
LA72910V ONSEMI-LA72910V Datasheet
164Kb / 10P
   FM Modulator and Demodulator IC
July, 2013
LA72910V-TLM-E ONSEMI-LA72910V-TLM-E Datasheet
164Kb / 10P
   FM Modulator and Demodulator IC
July, 2013
More results

同様の説明 - LA72910V

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA72912V SANYO-LA72912V Datasheet
196Kb / 12P
   FM Modulator and Demodulator IC
logo
ON Semiconductor
LA72914V-TLM-H ONSEMI-LA72914V-TLM-H Datasheet
223Kb / 9P
   FM Modulator and Demodulator IC
July, 2013
LA72910V-TLM-E ONSEMI-LA72910V-TLM-E Datasheet
164Kb / 10P
   FM Modulator and Demodulator IC
July, 2013
logo
Sanyo Semicon Device
LA72910V SANYO-LA72910V Datasheet
164Kb / 10P
   Monolithic Linear IC FM Modulator and Demodulator IC
LA72914V SANYO-LA72914V Datasheet
296Kb / 9P
   Monolithic Linear IC FM Modulator and Demodulator IC
logo
Agilent(Hewlett-Packard...
HPMX-5002 HP-HPMX-5002 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
logo
Panasonic Semiconductor
AN614 PANASONIC-AN614 Datasheet
39Kb / 3P
   Video amplifier, modulator/demodulator IC
logo
New Japan Radio
NJM2590 NJRC-NJM2590 Datasheet
60Kb / 2P
   455kHz INPUT FM IF DEMODULATOR IC
NJM2592 NJRC-NJM2592_1 Datasheet
297Kb / 16P
   470MHz INPUT MIXER AND 455kHz FM IF DEMODULATOR IC
NJM2593 NJRC-NJM2593 Datasheet
266Kb / 16P
   50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com