データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM4001L データシート(PDF) 3 Page - WILLAS ELECTRONIC CORP

部品番号 FM4001L
部品情報  1.0A GENERAL PURPOSE RECTIFIERS - 50V- 1000V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WILLAS [WILLAS ELECTRONIC CORP]
ホームページ  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

FM4001L データシート(HTML) 3 Page - WILLAS ELECTRONIC CORP

  FM4001L Datasheet HTML 1Page - WILLAS ELECTRONIC CORP FM4001L Datasheet HTML 2Page - WILLAS ELECTRONIC CORP FM4001L Datasheet HTML 3Page - WILLAS ELECTRONIC CORP FM4001L Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pinning information
2
1
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Marking
Type number
Marking code
Suggested solder pad layout
Dimensions in inches and (millimeters)
A
C
B
B
0.059 (1.50)
A
0.110 (2.80)
C
0.110 (2.80)
PACKAGE
SMA-L
1
2
FM4001L
A1
FM4002L
A2
FM4003L
A3
FM4004L
A4
FM4005L
A5
FM4006L
A6
FM4007L
A7
201 -
WILLAS ELECTRONIC CORP.
1.0A GENERAL PURPOSE RECTIFIERS - 50V- 1000V
SMA-L PACKAGE
FM4001L
THRU
FM4007L
Reel packing
Reel packing
SMA-L
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
SMA-L
7"
2,000
4.0
20,000
183*170*183
178
382*356*387
160,000
15.5
13"
7,500
4.0
15,000
337*337*37
330
350*330*360
120,000
14.2
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"


同様の部品番号 - FM4001L

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
FM4001L RECTRON-FM4001L Datasheet
351Kb / 4P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FM4001L-W RECTRON-FM4001L-W Datasheet
298Kb / 7P
   SURFACE MOUNT SILICON RECTIFIER
More results

同様の説明 - FM4001L

メーカー部品番号データシート部品情報
logo
Formosa MS
1A1 FORMOSA-1A1 Datasheet
130Kb / 6P
   1.0A Axial Leaded General Purpose Rectifers - 50V-1000V
1N4001 FORMOSA-1N4001 Datasheet
136Kb / 6P
   1.0A Axial LEaded General Purpose Rectifiers - 50V0 1000V
logo
E-CMOS Corporation
ECCP201 E-CMOS-ECCP201 Datasheet
254Kb / 5P
   2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
Formosa MS
RL201 FORMOSA-RL201 Datasheet
132Kb / 6P
   2.0A Axial Leaded General Purpose Rectifiers-50V-1000V
logo
E-CMOS Corporation
ECCP301B E-CMOS-ECCP301B Datasheet
253Kb / 5P
   3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
Formosa MS
FM201-L FORMOSA-FM201-L_17 Datasheet
57Kb / 7P
   2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
PACELEADER INDUSTRIAL
PFFM101-M PACELEADER-PFFM101-M Datasheet
537Kb / 3P
   1.0A Surface Mount Fast Recovery Rectifiers -50V - 1000V
PHFM101 PACELEADER-PHFM101 Datasheet
774Kb / 2P
   1.0A Surface Mount High Effciency Rectifiers -50V - 1000V
logo
WILLAS ELECTRONIC CORP
1N4001 WILLAS-1N4001_18 Datasheet
357Kb / 3P
   1.0A AXIAL SILICON RECTIFIERS-50V-1000V DO-41 PACKAGE
logo
PACELEADER INDUSTRIAL
1N5400 PACELEADER-1N5400 Datasheet
487Kb / 2P
   3.0AMP GENERAL PURPOSE SILICON RECTIFIER - 50V-1000V
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com