データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1892JRRL データシート(PDF) 11 Page - Analog Devices

部品番号 AD1892JRRL
部品情報  Integrated Digital Receiver/Rate Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1892JRRL データシート(HTML) 11 Page - Analog Devices

Back Button AD1892JRRL Datasheet HTML 7Page - Analog Devices AD1892JRRL Datasheet HTML 8Page - Analog Devices AD1892JRRL Datasheet HTML 9Page - Analog Devices AD1892JRRL Datasheet HTML 10Page - Analog Devices AD1892JRRL Datasheet HTML 11Page - Analog Devices AD1892JRRL Datasheet HTML 12Page - Analog Devices AD1892JRRL Datasheet HTML 13Page - Analog Devices AD1892JRRL Datasheet HTML 14Page - Analog Devices AD1892JRRL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD1892
REV. 0
–11–
BYTE 2
BITS 0
1
2
3
SOURCE NUMBER
UNSPECIFIED.
0
0
0
0
1
0
0
0
0
1
0
0
1
1
0
0
0
0
1
0
1
2
3
4 TO
14 (BINARY – BIT 0 IS LSB, BIT 3 IS MSB)
15
0
1
1
1
1
1
1
1
BITS 4
5
6
7
CHANNEL NUMBER
UNSPECIFIED.
0
0
0
0
1
0
0
0
0
1
0
0
1
1
0
0
0
1
1
1
A (LEFT IN 2 CHANNEL FORMAT)
B (RIGHT IN 2 CHANNEL FORMAT)
C TO
N (BINARY – BIT 4 IS LSB, BIT 7 IS MSB)
O
1
1
1
1
Figure 10. Consumer Channel Status Byte 2
BYTE 3
BITS 0
1
2
3
FS: SAMPLE FREQUENCY
44.1 kHz.
0
0
0
0
0
1
0
0
1
1
0
0
X X X X
48 kHz.
32 kHz.
ALL OTHER STATES OF BITS 0–3 ARE RESERVED.
BITS 4
5
CLOCK ACCURACY
LEVEL II,
1000 ppm (DEFAULT).
0
0
0
1
1
0
1
1
LEVEL III, VARIABLE PITCH.
LEVEL I,
50 ppm – HIGH ACCURACY.
RESERVED.
BITS 6
7
RESERVED.
X X
BYTES 4–23
RESERVED
Figure 11. Consumer Channel Status Bytes 3 Through 23
48 kHz. MANUAL OVERRIDE OR AUTO SET DISABLED.
SAMPLE FREQUENCY NOT INDICATED.
RECEIVER DEFAULTS TO 48 kHz AND MANUAL
OVERRIDE OR AUTO SET ENABLED.
FS: SAMPLE FREQUENCY
UNLOCKED.
LOCKED–DEFAULT.
LOCK: SOURCE SAMPLE FREQUENCY
ALL OTHER STATES OF BITS 2–4 ARE RESERVED.
CCITT J.17. RECEIVER MANUAL OVERRIDE DISABLED.
50/15 µs. RECEIVER MANUAL OVERRIDE DISABLED.
NONE. RECEIVER MANUAL OVERRIDE DISABLED.
EMPHASIS NOT INDICATED. RECEIVER DEFAULTS
TO NO EMPHASIS WITH MANUAL OVERRIDE ENABLED.
ENCODED AUDIO SIGNAL EMPHASIS
NON-AUDIO. CAN BE USED TO INDICATE AC-3 DATA.
NORMAL AUDIO.
AUDIO
PROFESSIONAL USE OF CHANNEL STATUS BLOCK.
CONSUMER USE OF CHANNEL STATUS BLOCK.
PRO = 1 (PROFESSIONAL)
BYTE 0
BIT 0
0
1
0
BIT 1
1
BITS 2
3
4
0
0
0
1
1
0
1
0
0
X
X
X
0
1
BITS 6
7
0
0
0
1
BIT 5
1
1
0
44.1 kHz. MANUAL OVERRIDE OR AUTO SET DISABLED.
1
0
32 kHz. MANUAL OVERRIDE OR AUTO SET DISABLED.
1
1
BYTE 1
BITS 0
1
2
3
CHANNEL MODE
MODE NOT INDICATED. RECEIVER DEFAULTS TO
2-CHANNEL MODE. MANUAL OVERRIDE ENABLED.
0
0
0
0
0
0
0
1
0
0
1
0
0
0
1
1
0
1
0
0
TWO CHANNELS. MANUAL OVERRIDE DISABLED.
SINGLE CHANNEL. MANUAL OVERRIDE DISABLED.
PRIMARY/SECONDARY (CH. A IS PRIMARY). MANUAL
OVERRIDE DISABLED.
STEREOPHONIC (CH. A IS LEFT). MANUAL OVERRIDE
DISABLED.
0
1
0
1
0
1
1
0
BITS 4
5
6
7
USER BIT MANAGEMENT
0
0
0
0
0
0
0
1
0
0
1
0
0
0
1
1
DEFAULT. NO USER INFORMATION INDICATED.
192 BIT BLOCK STRUCTURE. PREAMBLE 'Z' STARTS
BLOCK.
RESERVED.
ALL OTHER STATES OF BITS 4–7 ARE RESERVED.
RESERVED FOR USED DEFINED APPLICATIONS.
VECTOR TO BYTE 3. RESERVED.
1
1
1
1
RESERVED FOR USED DEFINED APPLICATIONS.
ALL OTHER STATES OF BITS 0–3 ARE RESERVED.
X X X X
USER DEFINED APPLICATION.
X X X X
Figure 12. Professional Channel Status Bytes 0 and 1


同様の部品番号 - AD1892JRRL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890JN AD-AD1890JN Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890JP AD-AD1890JP Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results

同様の説明 - AD1892JRRL

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
SRC4392 TI1-SRC4392_14 Datasheet
1Mb / 94P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Burr-Brown (TI)
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Asahi Kasei Microsystem...
AKD4127-A AKM-AKD4127-A Datasheet
221Kb / 20P
   digital sample rate converter.
AKD4125-A AKM-AKD4125-A Datasheet
206Kb / 20P
   digital sample rate converter.
AKD4126-A AKM-AKD4126-A Datasheet
908Kb / 29P
   digital sample rate converter.
logo
Cirrus Logic
CS8420 CIRRUS-CS8420_07 Datasheet
1Mb / 94P
   DIGITAL AUDIO SAMPLE RATE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com