データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD22100K データシート(PDF) 3 Page - Analog Devices

部品番号 AD22100K
部品情報  Voltage Output Temperature Sensor with Signal Conditioning
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD22100K データシート(HTML) 3 Page - Analog Devices

  AD22100K Datasheet HTML 1Page - Analog Devices AD22100K Datasheet HTML 2Page - Analog Devices AD22100K Datasheet HTML 3Page - Analog Devices AD22100K Datasheet HTML 4Page - Analog Devices AD22100K Datasheet HTML 5Page - Analog Devices AD22100K Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AD22100
REV. B
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +10 V
Reversed Continuous Supply Voltage . . . . . . . . . . . . . . –10 V
Operating Temperature . . . . . . . . . . . . . . . . –50
°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +160°C
Output Short Circuit to V+ or Ground . . . . . . . . . . Indefinite
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300
°C
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only; the functional
operation of the device at these or any other conditions above those indicated in the
operation sections of this specification is not implied.
Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Guaranteed
Temperature
Package
Package
Model/Grade
Range
Description* Option
AD22100 KT
0
°C to 100°C
TO-92
TO-92
AD22100 KR
0
°C to 100°C
SOIC
SO-8
AD22100 AT
–40
°C to +85°C TO-92
TO-92
AD22100 AR
–40
°C to +85°C SOIC
SO-8
AD22100 ST
–50
°C to +150°C TO-92
TO-92
AD22100 SR
–50
°C to +150°C SOIC
SO-8
AD22100KChips
+25
°C
N/A
N/A
*Minimum purchase quantities of 100 pieces for all chip orders.
PIN DESCRIPTION
Mnemonic
Function
V+
Power Supply Input
VO
Device Output
GND
Ground Pin must be connected to 0 V.
NC
No Connect
PIN CONFIGURATIONS
TO-92
PIN 3
PIN 2
PIN 1
GND
VO
V+
BOTTOM VIEW
(Not to Scale)
SOIC
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
AD22100
NC
NC
NC
NC
V+
NC
GND
VO
NC = NO CONNECT
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD22100 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
Typical Performance Curves
50
1200
0
100
150
200
800
400
FLOW RATE – CFM
(SOIC)
250
(T0-92)
Figure 3. Thermal Resistance vs. Flow Rate
Figure 2. Thermal Response vs. Flow Rate
2
1200
4
0
8
6
10
12
14
800
400
T (T0-92)
FLOW RATE – CFM
T (SOIC)
16


同様の部品番号 - AD22100K

メーカー部品番号データシート部品情報
logo
Analog Devices
AD22100KCHIPS AD-AD22100KCHIPS Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100KCHIPS AD-AD22100KCHIPS Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100KCHIPS AD-AD22100KCHIPS Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100KCHIPS AD-AD22100KCHIPS Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100KCHIPS AD-AD22100KCHIPS Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
More results

同様の説明 - AD22100K

メーカー部品番号データシート部品情報
logo
Analog Devices
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100KTZ AD-AD22100KTZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22103 AD-AD22103_15 Datasheet
431Kb / 6P
   3.3V Supply Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103KTZ AD-AD22103KTZ Datasheet
431Kb / 6P
   33 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103 AD-AD22103 Datasheet
224Kb / 6P
   3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com