データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1301 データシート(PDF) 2 Page - Transcom, Inc.

部品番号 TC1301
部品情報  Low Noise and Medium Power GaAs FETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCOM [Transcom, Inc.]
ホームページ  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1301 データシート(HTML) 2 Page - Transcom, Inc.

  TC1301 Datasheet HTML 1Page - Transcom, Inc. TC1301 Datasheet HTML 2Page - Transcom, Inc. TC1301 Datasheet HTML 3Page - Transcom, Inc. TC1301 Datasheet HTML 4Page - Transcom, Inc. TC1301 Datasheet HTML 5Page - Transcom, Inc. TC1301 Datasheet HTML 6Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC1301
REV5_20070502
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
2 / 6
SG
S
G
S
G
S
D
D
D
760±±±± 12
290±±±± 12
ABSOLUTE MAXIMUM RATINGS (TA=25
°°°°C) TYPICAL NOISE PARAMETERS (TA=25 °°°°C)
VDS = 4 V, IDS = 50 mA
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
7.0 V
VGS
Gate-Source Voltage
-3.0 V
IDS
Drain Current
IDSS
IGS
Gate Current
600
µA
Pin
RF Input Power, CW
24 dBm
PT
Continuous Dissipation
800 mW
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
Γopt
Frequency
(GHz)
NFopt
(dB)
GA
(dB)
MAG
ANG
Rn/50
2
0.36
19.7
0.88
15
0.28
4
0.48
16.6
0.74
39
0.18
6
0.59
14.3
0.62
64
0.15
8
0.70
12.7
0.55
92
0.12
10
0.78
11.7
0.50
120
0.09
12
0.85
10.9
0.49
148
0.06
14
0.98
10.4
0.50
174
0.04
16
1.12
9.8
0.51
-162
0.04
18
1.27
9.0
0.54
-141
0.07
CHIP DIMENSIONS
Chip Thickness: 100
Drain Pad: 80 x 70
Source Pad: 75 x 80


同様の部品番号 - TC1301

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A Datasheet
1Mb / 28P
   Dual LDO with Microcontroller RESET Function
2005
TC1301A MICROCHIP-TC1301A Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
TC1301A MICROCHIP-TC1301A Datasheet
665Kb / 28P
   Dual LDO with Microcontroller RESET Function
01/02/08
TC1301A-ADAVMF MICROCHIP-TC1301A-ADAVMF Datasheet
1Mb / 28P
   Dual LDO with Microcontroller RESET Function
2005
More results

同様の説明 - TC1301

メーカー部品番号データシート部品情報
logo
Transcom, Inc.
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1101V TRANSCOM-TC1101V Datasheet
90Kb / 2P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1304 TRANSCOM-TC1304 Datasheet
261Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1101 TRANSCOM-TC1101 Datasheet
250Kb / 5P
   Low Noise and Medium Power GaAs FETs
TC1304V TRANSCOM-TC1304V Datasheet
71Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301V TRANSCOM-TC1301V Datasheet
73Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC2384 TRANSCOM-TC2384 Datasheet
192Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com