データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5204BR10 データシート(PDF) 9 Page - Analog Devices

部品番号 AD5204BR10
部品情報  4-/6-Channel Digital Potentiometers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5204BR10 データシート(HTML) 9 Page - Analog Devices

Back Button AD5204BR10 Datasheet HTML 3Page - Analog Devices AD5204BR10 Datasheet HTML 4Page - Analog Devices AD5204BR10 Datasheet HTML 5Page - Analog Devices AD5204BR10 Datasheet HTML 6Page - Analog Devices AD5204BR10 Datasheet HTML 7Page - Analog Devices AD5204BR10 Datasheet HTML 8Page - Analog Devices AD5204BR10 Datasheet HTML 9Page - Analog Devices AD5204BR10 Datasheet HTML 10Page - Analog Devices AD5204BR10 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AD5204/AD5206
–9–
REV. 0
The typical distribution of RBA from channel-to-channel matches
within
±1%. However, device-to-device matching is process lot
dependent, having a
±30% variation. The change in R
BA with
temperature has a 700 ppm/
°C temperature coefficient.
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates an output voltage
proportional to the input voltage applied to a given terminal.
For example, connecting A terminal to +5 V and B terminal to
ground produces an output voltage at the wiper which can be
any value starting at zero volts up to 1 LSB less than +5 V. Each
LSB of voltage is equal to the voltage applied across Terminal
AB divided by the 256-position resolution of the potentiometer
divider. The general equation defining the output voltage with
respect to ground for any given input voltage applied to termi-
nals AB is:
VW (Dx) = Dx/256
× V
AB + VB
(3)
Operation of the digital potentiometer in the divider mode results
in more accurate operation over temperature. Here the output
voltage is dependent on the ratio of the internal resistors not the
absolute value, therefore, the drift improves to 15 ppm/
°C.
D7
D0
A1
W1
B1
VDD
AD5204/AD5206
CS
CLK
8
EN
ADDR
DEC
A2
A1
A0
SDI
DI
SER
REG
D0
D7
A4/A6
W4/W6
B4/B6
SHDN
RDAC
LATCH
#1
R
D7
D0
RDAC
LATCH
#4/#6
R
SDO
DO
GND
PR
(AD5204 ONLY)
(AD5204
ONLY)
(AD5204
ONLY)
Figure 17. Block Diagram
DIGITAL INTERFACING
The AD5204/AD5206 contain a standard three-wire serial input
control interface. The three inputs are clock (CLK),
CS and
serial data input (SDI). The positive-edge sensitive CLK input
requires clean transitions to avoid clocking incorrect data into
the serial input register. Standard logic families work well. If
mechanical switches are used for product evaluation they should
be debounced by a flip-flop or other suitable means. Figure 17
shows more detail of the internal digital circuitry. When
CS is
taken active low the clock loads data into the serial register on
each positive clock edge, see Table IV. When using a positive
(VDD) and negative (VSS) supply voltage, the logic levels are still
referenced to digital ground (GND).
The serial-data-output (SDO) pin contains an open drain n-
channel FET. This output requires a pull-up resistor in order to
transfer data to the next package’s SDI pin. The pull-up resistor
termination voltage may be larger than the VDD supply of the
AD5204 SDO output device, e.g., the AD5204 could operate at
VDD = 3.3 V and the pull-up for interface to the next device
could be set at +5 V. This allows for daisy chaining several
RDACs from a single processor serial-data line. Clock period
needs to be increased when using a pull-up resistor to the SDI
pin of the following device in the series. Capacitive loading at
the daisy chain node SDO-SDI between devices must be ac-
counted for to successfully transfer data. When daisy chaining is
used, the
CS should be kept low until all the bits of every pack-
age are clocked into their respective serial registers insuring that
the address bits and data bits are in the proper decoding loca-
tion. This would require 22 bits of address and data complying
to the word format provided in Table I if two AD5204 four-
channel RDACs are daisy chained. During shutdown
(SHDN)
the SDO output pin is forced to the off (logic high state) to
disable power dissipation in the pull-up resistor. See Figure 19
for equivalent SDO output circuit schematic.
Table IV. Input Logic Control Truth Table
CLK
CS PR SHDN Register Activity
L
L
H
H
No SR effect, enables SDO pin.
P
L
H
H
Shift one bit in from the SDI pin.
The eleventh previously entered bit
is shifted out of the SDO pin.
X
P
H
H
Load SR data into RDAC latch based
on A2, A1, A0 decode (Table V).
X
H
H
H
No Operation.
X
X
L
H
Sets all RDAC latches to midscale,
wiper centered and SDO latch
cleared.
X
H
P
H
Latches all RDAC latches to 80H.
X
H
H
L
Open circuits all Resistor A termi-
nals, connects W to B, turns off
SDO output transistor.
NOTE: P = positive edge, X = don’t care, SR = shift register.
Table V. Address Decode Table
A2
A1
A0
Latch Decoded
0
0
0
RDAC#1
0
0
1
RDAC#2
0
1
0
RDAC#3
0
1
1
RDAC#4
1
0
0
RDAC#5 AD5206 Only
1
0
1
RDAC#6 AD5206 Only
The data setup and data hold times in the specification table
determine the data valid time requirements. The last 11 bits of
the data word entered into the serial register are held when
CS
returns high. At the same time
CS goes high it gates the address
decoder enabling one of four or six positive edge triggered RDAC
latches, see Figure 18 detail.


同様の部品番号 - AD5204BR10

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5204BR10 AD-AD5204BR10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204BR10 AD-AD5204BR10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204BR10-REEL AD-AD5204BR10-REEL Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204BR10-REEL AD-AD5204BR10-REEL Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204BR100 AD-AD5204BR100 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
More results

同様の説明 - AD5204BR10

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5206BRUZ100 AD-AD5206BRUZ100 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com