データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD18504Q5A データシート(PDF) 3 Page - Texas Instruments

部品番号 CSD18504Q5A
部品情報  The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18504Q5A データシート(HTML) 3 Page - Texas Instruments

  CSD18504Q5A_12 Datasheet HTML 1Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 2Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 3Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 4Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 5Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 6Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 7Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 8Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1
1.2
VDS - Drain-to-Source Voltage (V)
VGS =10V
VGS =6.5V
VGS =4.5V
G001
0
20
40
60
80
100
0
1
2
3
4
5
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
G001
GATE
Source
DRAIN
M0137-01
GATE
Source
DRAIN
M0137-02
CSD18504Q5A
www.ti.com
SLPS366B – JUNE 2012 – REVISED NOVEMBER 2012
Max RθJA = 50°C/W
Max RθJA = 125°C/W
when mounted on
when mounted on a
1 inch2 (6.45 cm2) of 2-
minimum pad area of
oz. (0.071-mm thick)
2-oz. (0.071-mm thick)
Cu.
Cu.
TYPICAL MOSFET CHARACTERISTICS
(TA = 25°C unless otherwise stated)
Figure 2. Transient Thermal Impedance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 3. Saturation Characteristics
Figure 4. Transfer Characteristics
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD18504Q5A


同様の部品番号 - CSD18504Q5A_12

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD18504Q5A TI1-CSD18504Q5A_16 Datasheet
416Kb / 13P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
More results

同様の説明 - CSD18504Q5A_12

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16407Q5C TI1-CSD16407Q5C_10 Datasheet
345Kb / 11P
[Old version datasheet]   ID The NexFET??power MOSFET has been designed to minimize losses in power conversion applications.
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17522Q5A TI1-CSD17522Q5A_11 Datasheet
635Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com