データシートサーチシステム |
|
AM1DR-2407SH30Z データシート(PDF) 2 Page - AIMTEC |
|
AM1DR-2407SH30Z データシート(HTML) 2 Page - AIMTEC |
2 / 3 page Series AM1DR-Z 1 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R6.F 2 of 3 North America only Input Specifications (continued) Parameters Nominal Typical Maximum Units Absolute Maximum Rating 5 Vin 12 Vin 24 Vin 0-7 0-15 0-28 VDC Peak Input Voltage time 100 ms Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1000 & 3000 VDC Resistance > 1000 MOhm Capacitance 60 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±2 % Short Circuit protection Momentary (1 sec) Line voltage regulation (Single) ±0.5 % Load voltage regulation (Single) 0% to 100% load ±0.5 % Load voltage regulation (Single) 3.3V output model 0% to 100% load ±1.0 % Temperature coefficient ±0.02 %/oC Ripple & Noise At 20MHz Bandwidth 60 mV p-p Capacitive load 220 μF Rising time 50 ms General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 125 KHz Max Case temperature +95 oC Operating temperature Full Load without Derating -40 to +85 oC Storage temperature -55 to +125 oC Derating Not Required Cooling Free air convection Humidity 95 % Case material Non conductive black plastic Weight 2.7 g Dimensions (L x W x H) 0.76 x 0.28 x 0.37 inch 19.50 x 7.20 x 9.50 mm MTBF >880 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC) NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified Safety Specifications Parameters Agency Approvals CE Safety Standards EN 55022, Class B IEC61000-4-2 IEC61000-4-3 IEC61000-4-4 IEC61000-4-6 IEC61000-4-8 |
同様の部品番号 - AM1DR-2407SH30Z |
|
同様の説明 - AM1DR-2407SH30Z |