データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM1L-2412D-NZ データシート(PDF) 6 Page - AIMTEC

部品番号 AM1L-2412D-NZ
部品情報  1 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-2412D-NZ データシート(HTML) 6 Page - AIMTEC

  AM1L-2412D-NZ Datasheet HTML 1Page - AIMTEC AM1L-2412D-NZ Datasheet HTML 2Page - AIMTEC AM1L-2412D-NZ Datasheet HTML 3Page - AIMTEC AM1L-2412D-NZ Datasheet HTML 4Page - AIMTEC AM1L-2412D-NZ Datasheet HTML 5Page - AIMTEC AM1L-2412D-NZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Series AM1L-NZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.H
6 of 6
North America only
Tolerance Graph
Recommended Filter Circuit
If it is required to decrease the input/output ripple, an “LC” filter network can be installed on the input and output of the
converter (see above).
It should be noted that the inductance and the resonant frequency of the “LC” filtering network should differ from the DC/DC
converter switching frequency to avoid mutual interference.
The capacitance of the output filter capacitor must not exceed the values in the Table below to avoid startup problems and
ensure safe and reliable operation.
It’s not recommended to connect any external capacitor in the application field when output loading is less than 0.5
watt.
External Capacitor Tables
Input Capacitor (Cin)
Output Capacitor (Cout)
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Single
Vout
(VDC)
Cout
(uF)
Dual
Vout
(Vdc)
Cout
(uF)
Dual
Seperated
Vout (Vdc)
Cout
(uF)
5
10
±5
4.7
5/5
4.7
9
4.7
±9
2.2
9/9
2.2
12
2.2
±12
1
12/12
1
15
1
±15
0.47
15/15
0.47
Vin
(VDC)
Cin
(uF)
5
4.7
12
2.2
Nominal
Voltage
Typical Load Line
Tolerance Envelope Graph
Output Current(%)
+2.5%
-2.5%
-7.5%
+10%
+5%
10%
50%
100%
DC
DC
+Cout
+Vout
- Vin
Single Output
+ Vin
- Vin
+
Cin
L
L
DC
DC
+ Vin
- Vin
+
Cin
+
Cout
+
Cout
+Vout
-Vout
Common
Dual Output
L
L
L
DC
DC
+ Vin
- Vin
+
Cin
+
Cout
+
Cout
+V1output
-V2 output
Dual Separated Output
L
L
L
-V1 output
+V2 output


同様の部品番号 - AM1L-2412D-NZ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AM1L-2412D-N ETC-AM1L-2412D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-2412D-N AIMTEC-AM1L-2412D-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-2412D-N AIMTEC-AM1L-2412D-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1L-2412D-N AIMTEC-AM1L-2412D-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results

同様の説明 - AM1L-2412D-NZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com