データシートサーチシステム |
|
AM15E-Z データシート(PDF) 1 Page - AIMTEC |
|
AM15E-Z データシート(HTML) 1 Page - AIMTEC |
1 / 4 page Series AM15E-Z 15 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.D 1 of 4 North America only FEATURES: • RoHS compliant • Operating temperature -40oC to + 85oC • Full SMD internal technology • Input/Output Isolation 1500VDC • Wide 2:1 input range • Continuous short circuit protection • High efficiency up to 88% • Pin compatible with multiple manufacturers • Low profile metal package Models Single output Model Input Voltage (V) Output Voltage (V) Output Current max (A) Capacitive load, max (µF) Efficiency (%) AM15E-1203SZ 9-18 3.3 3 3300 79 AM15E-1205SZ 9-18 5 3 3300 83 AM15E-1207SZ 9-18 7.2 2 2200 83 AM15E-1209SZ 9-18 9 1.66 1000 83 AM15E-1212SZ 9-18 12 1.25 1000 85 AM15E-1215SZ 9-18 15 1 680 85 AM15E-1218SZ 9-18 18 0.8 470 83 AM15E-1224SZ 9-18 24 0.62 470 85 AM15E-2403SZ 18-36 3.3 3 3300 80 AM15E-2405SZ 18-36 5 3 3300 85 AM15E-2407SZ 18-36 7.2 2 2200 84 AM15E-2409SZ 18-36 9 1.66 1000 85 AM15E-2412SZ 18-36 12 1.25 1000 86 AM15E-2415SZ 18-36 15 1 680 88 AM15E-2418SZ 18-36 18 0.8 470 86 AM15E-2424SZ 18-36 24 0.62 470 86 AM15E-4803SZ 36-72 3.3 3 3300 80 AM15E-4805SZ 36-72 5 3 3300 85 AM15E-4807SZ 36-72 7.2 2 2200 85 AM15E-4809SZ 36-72 9 1.66 1000 85 AM15E-4812SZ 36-72 12 1.25 1000 88 AM15E-4815SZ 36-72 15 1 680 87 AM15E-4818SZ 36-72 18 0.8 470 86 AM15E-4824SZ 36-72 24 0.62 470 85 Models Dual output Model Input Voltage (V) Output Voltage (V) Output Current max (A) Capacitive load, max (µF) Efficiency (%) AM15E-1203DZ 9-18 ±3.3 ±2 ±1000 79 AM15E-1205DZ 9-18 ±5 ±1.5 ±1000 83 AM15E-1207DZ 9-18 ±7.2 ±1 ±680 82 AM15E-1209DZ 9-18 ±9 ±0.83 ±470 82 AM15E-1212DZ 9-18 ±12 ±0.62 ±470 85 AM15E-1215DZ 9-18 ±15 ±0.5 ±330 85 AM15E-1218DZ 9-18 ±18 ±0.4 ±220 82 AM15E-1224DZ 9-18 ±24 ±0.31 ±220 85 AM15E-2403DZ 18-36 ±3.3 ±2 ±1000 80 AM15E-2405DZ 18-36 ±5 ±1.5 ±1000 85 AM15E-2407DZ 18-36 ±7.2 ±1 ±680 82 AM15E-2409DZ 18-36 ±9 ±0.83 ±470 82 |
同様の部品番号 - AM15E-Z |
|
同様の説明 - AM15E-Z |