データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM30EW-480312TZ データシート(PDF) 3 Page - AIMTEC

部品番号 AM30EW-480312TZ
部品情報  30 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30EW-480312TZ データシート(HTML) 3 Page - AIMTEC

  AM30EW-480312TZ Datasheet HTML 1Page - AIMTEC AM30EW-480312TZ Datasheet HTML 2Page - AIMTEC AM30EW-480312TZ Datasheet HTML 3Page - AIMTEC AM30EW-480312TZ Datasheet HTML 4Page - AIMTEC AM30EW-480312TZ Datasheet HTML 5Page - AIMTEC AM30EW-480312TZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series AM30EW-Z
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.J
3 of 6
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Derating
2
%/ oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Nickel coated Copper
Weight
30
g
Dimensions (L x W x H)
2.00 x 1.00 x 0.4 inches
50.80 x 25.40 x 10.17 mm
MTBF
Single & Dual: >450000 hrs (MIL-HDBK -217F, Ground Benign, t=+25ºC)
Triple: >320000 hrs (MIL-HDBK -217F, Ground Benign, t=+25ºC)
Maximum soldering temperature
1.5mm from case for 10 sec
260
oC
Transient recovery time
250
uS
Transient recovery deviation
±3
%
Safety Specifications
Parameters
Agency Approval
CE
Standards
EN55022 Class A, EN55024
IEC61000-4-2, Perf. Criteria B
IEC61000-4-3, Perf. Criteria A
IEC61000-4-4, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-5, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-6, Perf. Criteria A
IEC61000-4-8, Perf. Criteria A
Pin Out Specifications
Pin
Single
Dual
Triple
1
+ V Input
+ V Input
+ V Input
2
- V Input
- V Input
- V Input
3
On/Off Control On/Off Control
On/Off Control
4
+ V Output
+ V Output
+ Vaux Output
5
-V Output
Common
- Vaux Output
6
Trim
- V Output
Common
7
No Pin
No Pin
+ V Output
Dimensions
1
2
3
2.54
(0.10)
50.80
(2.00)
Bottom View
2.54
(0.10)
Single and Dual Output Models
4
5
6
Notes:
All dimensions are typical in millimeters (inches).
Pin Pitch Tolerance ±0.35 (±0.014)
Case Tolerance ±0.50 (±0.02)
Diameter 1.00
(0.04)


同様の部品番号 - AM30EW-480312TZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM30EW-480312TZ AIMTEC-AM30EW-480312TZ Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
More results

同様の説明 - AM30EW-480312TZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ Datasheet
373Kb / 3P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ_13 Datasheet
382Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ_13 Datasheet
496Kb / 5P
   30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z Datasheet
445Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ_16 Datasheet
154Kb / 3P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z_16 Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
AM30KW-I-Z AIMTEC-AM30KW-I-Z_16 Datasheet
500Kb / 5P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com