データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM15E-4807DZ データシート(PDF) 2 Page - AIMTEC

部品番号 AM15E-4807DZ
部品情報  15 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIMTEC [AIMTEC]
ホームページ  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15E-4807DZ データシート(HTML) 2 Page - AIMTEC

  AM15E-4807DZ Datasheet HTML 1Page - AIMTEC AM15E-4807DZ Datasheet HTML 2Page - AIMTEC AM15E-4807DZ Datasheet HTML 3Page - AIMTEC AM15E-4807DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM15E-Z
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
2 of 4
North America only
Models
Dual output (continued)
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Capacitive
load, max
(µF)
Efficiency
(%)
AM15E-2412DZ
18-36
±12
±0.62
±470
86
AM15E-2415DZ
18-36
±15
±0.5
±330
87
AM15E-2418DZ
18-36
±18
±0.4
±220
82
AM15E-2424DZ
18-36
±24
±0.31
±220
86
AM15E-4803DZ
36-72
±3.3
±2
±1000
80
AM15E-4805DZ
36-72
±5
±1.5
±1000
85
AM15E-4807DZ
36-72
±7.2
±1
±680
85
AM15E-4809DZ
36-72
±9
±0.83
±470
85
AM15E-4812DZ
36-72
±12
±0.62
±470
86
AM15E-4815DZ
36-72
±15
±0.5
±330
85
AM15E-4818DZ
36-72
±18
±0.4
±220
84
AM15E-4824DZ
36-72
±24
±0.31
±220
85
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input
voltage and at rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-72
Filter
π (Pi) Network
Start up time
20
ms
Absolute Maximum Rating
12 Vin
-0.7-24
VDC
24 Vin
-0.7-40
48 Vin
-0.7-80
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500
VDC
Resistance
> 1000
MOhm
Capacitance
470
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance (Dual output model)
Balanced load
±1
%
Short Circuit protection
Continuous
Short circuit restart
Auto Recovery
Current limiting
120
%
Line voltage regulation (Single)
HL-LL
±0.5
%
Line voltage regulation (Dual)
HL-LL
±0.5
%
Load voltage regulation (Single)
10-100% load
±0.5
%
Load voltage regulation (Dual)
10-100% load
±0.5
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
At 20MHz Bandwidth
100
mV p-p
Rising time
10
ms


同様の部品番号 - AM15E-4807DZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM15E-4807D AIMTEC-AM15E-4807D Datasheet
267Kb / 3P
   15 watt dc-dc converters
More results

同様の説明 - AM15E-4807DZ

メーカー部品番号データシート部品情報
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com