データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744821150 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744821150
部品情報  COMMON MODE CHOKE WE-CMB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744821150 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744821150 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bezeichnung :
description :
XS
A
15 max.
mm
B
7,5 max.
mm
C
10,0 ± 0,5
mm
D
4,5 ± 0,5
mm
E
18 max.
mm
F
2,5 ± 0,5
mm
G
0,7 ref.
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Leerlauf-Induktivität /
inductance
DC-Widerstand /
DC-resistance
Nennstrom /
nominal current
Nennspannung/
nominal voltage
33%
+25°C
1500 V, 50 Hz
5mA, 2 sec.
MST
Version 1
04-10-11
Name
Änderung / modification
Datum / date
Würth Elektronik
.........................................................................
UL94V-2
Abstandhalter / spacer:
Freigabe erteilt / general release:
Kunde / customer
UL94V-0
Kleber / glue:
It is recommended that the temperature of the part does
...........................................................................
C Lötpad / soldering spec.:
B Elektrische Eigenschaften / electrical properties:
F Werkstoffe & Zulassungen / material & approvals
G Eigenschaften / general specifications:
D Prüfgeräte / test equipment:
IDC
max.
±30%
http://www.we-online.com
Datum / date
...........................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 -3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
2UEWF (155°C)
Betriebstemp. / operating temperature:
-40°C - + 125°C
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2004-10-11
max.
VAC
Testbedingungen / test
conditions
250
m
1,0
Kunde / customer :
STROMKOMP. DROSSEL WE-CMB
COMMON MODE CHOKE WE-CMB
Artikelnummer / part number :
744821150
A Mechanische Abmessungen / dimensions:
1 kHz / 50µA
@ 25°C
mH
LO
5,0
RDC
200,0
Übertemperatur / temperature rise:
< 55 K
A
FLUKE PM 6306 für/for L0/LN
UN
E Testbedingungen / test conditions:
typ.
Luftfeuchtigkeit / humidity:
not exceed 125°C under worst case operating conditions.
HP 34401 A für/for IN und/and RDC
Klimabeständigkeit/ climatic class:
40/125/21
Sockel / base:
UL94V-0
Draht / wire:
Umgebungstemperatur / temperature:
Prüfspannung / testing voltage
1
2
N1
3
4
N2
D
C
E
F
B
A
G
12
3
4
RoHS
compliant
LF
This electronic component is designed and developed with the intention for use in general electronics equipments. Before incorporating the components into any equipments in the
field such as aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public
information network etc. where higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body. In addition, even electronic
component in general electronic equipments, when used in electrical circuits that require high safety, reliability functions or performance, the sufficient reliability evaluation-check for
the safety must be performed before use. It is essential to give consideration when to install a protective circuit at the design stage.
SEITE 1 VON 1


同様の部品番号 - 744821150

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744821110 WURTH-744821110 Datasheet
132Kb / 1P
   COMMON MODE CHOKE WE-CMB
744821120 WURTH-744821120 Datasheet
168Kb / 1P
   COMMON MODE CHOKE WE-CMB
More results

同様の説明 - 744821150

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7448256033 WURTH-7448256033 Datasheet
128Kb / 1P
   COMMON MODE CHOKE WE-CMB
744823422 WURTH-744823422 Datasheet
59Kb / 1P
   COMMON MODE CHOKE WE-CMB
744823305 WURTH-744823305 Datasheet
182Kb / 1P
   COMMON MODE CHOKE WE-CMB
744821201 WURTH-744821201 Datasheet
132Kb / 1P
   COMMON MODE CHOKE WE-CMB
744823210 WURTH-744823210 Datasheet
128Kb / 1P
   COMMON MODE CHOKE WE-CMB
744825433 WURTH-744825433 Datasheet
183Kb / 1P
   COMMON MODE CHOKE WE-CMB
744824622 WURTH-744824622 Datasheet
135Kb / 1P
   COMMON MODE CHOKE WE-CMB
7448251201 WURTH-7448251201 Datasheet
128Kb / 1P
   COMMON MODE CHOKE WE-CMB
744822110 WURTH-744822110 Datasheet
131Kb / 1P
   COMMON MODE CHOKE WE-CMB
744822222 WURTH-744822222 Datasheet
131Kb / 1P
   COMMON MODE CHOKE WE-CMB
S14100038 WURTH-S14100038 Datasheet
215Kb / 2P
   COMMON MODE CHOKE WE-CMB
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com