データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744878100 データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744878100
部品情報  POWER-CHOKE WE-DD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744878100 データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744878100 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744878100 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744878100 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
9,00 ± 0,1
mm
B
16,0 ± 0,2
mm
+ 0,1
- 0,0
D
4,00 ± 0,1
mm
E
2,00 ± 0,1
mm
F
9,00 ± 0,1
mm
G
3,50 ± 0,1
mm
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
100,0 ± 1,0
mm
OO
10-06-29
SST
05-05-23
SST
05-03-29
MST
04-10-11
MST
04-04-27
SST
04-03-12
AG
03-06-11
AG
02-10-30
Name
Datum / date
Version 2
Version 3
Version 4
Version 5
Version 7
Version 8
DOPPELDROSSEL WE-DD
POWER-CHOKE WE-DD
Artikelnummer / part number :
744878100
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
DATUM / DATE : 20
10-06-29
mm
1,50
C
Version 1
Würth Elektronik
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
................................................................................
Datum / date
Unterschrift / signature
Version 6
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Änderung / modification
...............................................
..................................................
Spezifikation für Freigabe / specification for release
Kunde / customer :
Ø c
a
d
b
A
B
E
D
øC
F
G
The force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially
required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship
control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation
checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
LF
SEITE 3 VON 3


同様の部品番号 - 744878100

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744878101 WURTH-744878101 Datasheet
148Kb / 3P
   POWER-CHOKE WE-DD
More results

同様の説明 - 744878100

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744878006 WURTH-744878006 Datasheet
148Kb / 3P
   POWER-CHOKE WE-DD
744874001 WURTH-744874001 Datasheet
132Kb / 3P
   POWER-CHOKE WE-DD
744874003 WURTH-744874003 Datasheet
132Kb / 3P
   POWER-CHOKE WE-DD
744874100 WURTH-744874100 Datasheet
132Kb / 3P
   POWER-CHOKE WE-DD
744870004 WURTH-744870004 Datasheet
133Kb / 3P
   POWER-CHOKE WE-DD
744870100 WURTH-744870100 Datasheet
132Kb / 3P
   POWER-CHOKE WE-DD
744870221 WURTH-744870221 Datasheet
132Kb / 3P
   POWER-CHOKE WE-DD
7448700015 WURTH-7448700015 Datasheet
90Kb / 3P
   POWER-CHOKE WE-DD
7448709330 WURTH-7448709330 Datasheet
52Kb / 3P
   POWER-CHOKE WE-DD
744877008 WURTH-744877008 Datasheet
162Kb / 3P
   POWER-CHOKE WE-DD
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com