データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD736KR データシート(PDF) 5 Page - Analog Devices

部品番号 AD736KR
部品情報  Low Cost, Low Power, True RMS-to-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD736KR データシート(HTML) 5 Page - Analog Devices

  AD736KR Datasheet HTML 1Page - Analog Devices AD736KR Datasheet HTML 2Page - Analog Devices AD736KR Datasheet HTML 3Page - Analog Devices AD736KR Datasheet HTML 4Page - Analog Devices AD736KR Datasheet HTML 5Page - Analog Devices AD736KR Datasheet HTML 6Page - Analog Devices AD736KR Datasheet HTML 7Page - Analog Devices AD736KR Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD736
REV. C
–5–
Typical Characteristics–
Figure 10. Error vs. RMS Input
Voltage (Pin 2), Output Buffer Off-
set Is Adjusted To Zero
Figure 13. Pin 2 Input Bias Current
vs. Supply Voltage
CALCULATING SETTLING TIME USING FIGURE 14
The graph of Figure 14 may be used to closely approximate the
time required for the AD736 to settle when its input level is re-
duced in amplitude. The net time required for the rms converter
to settle will be the difference between two times extracted from
the graph – the initial time minus the final settling time. As an
example, consider the following conditions: a 33
µF averaging
capacitor, an initial rms input level of 100 mV and a final (re-
duced) input level of 1 mV. From Figure 14, the initial settling
time (where the 100 mV line intersects the 33
µF line) is around
80 ms.
The settling time corresponding to the new or final input level
of 1 mV is approximately 8 seconds. Therefore, the net time for
the circuit to settle to its new value will be 8 seconds minus
80 ms which is 7.92 seconds. Note that, because of the smooth
decay characteristic inherent with a capacitor/diode combina-
tion, this is the total settling time to the final value (i.e., not the
settling time to 1%, 0.1%, etc., of final value). Also, this graph
provides the worst case settling time, since the AD736 will settle
very quickly with increasing input levels.
Figure 11. CAV vs. Frequency for
Specified Averaging Error
Figure 14. Settling Time vs. RMS
Input Level for Various
Values of CAV
Figure 12. RMS Input Level vs.
Frequency for Specified Averag-
ing Error
Figure 15. Pin 2 Input Bias Cur-
rent vs. Temperature


同様の部品番号 - AD736KR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD736KRZ AD-AD736KRZ Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD736KRZ-R7 AD-AD736KRZ-R7 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD736KRZ-RL AD-AD736KRZ-RL Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
More results

同様の説明 - AD736KR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD737 AD-AD737 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_15 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_17 Datasheet
762Kb / 21P
   Low Cost, Low Power, True RMS-to-DC Converter
AD737 AD-AD737_12 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD736 AD-AD736_12 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com