データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D03021940G-00 データシート(PDF) 10 Page - List of Unclassifed Manufacturers

部品番号 D03021940G-00
部品情報  SPECIFICATION FOR APPROVAL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

D03021940G-00 データシート(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button D03021940G-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers D03021940G-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers D03021940G-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers D03021940G-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers D03021940G-00 Datasheet HTML 10Page - List of Unclassifed Manufacturers D03021940G-00 Datasheet HTML 11Page - List of Unclassifed Manufacturers D03021940G-00 Datasheet HTML 12Page - List of Unclassifed Manufacturers D03021940G-00 Datasheet HTML 13Page - List of Unclassifed Manufacturers D03021940G-00 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
建 準
準 電
電 機
SUNONWEALTH
Page 10 of 14
4. RATED SPEED
Measured after continuous 10 minute operation at rated voltage in clean air
( STATIC PRESSURE=0), and at ambient temperature of 25 degrees C under shaft
horizontal condition.
5. STARTING VOLTAGE
Measured the voltage which enables to start the fan in the clean air (static pressure = 0 )
by switching on at the voltage under shaft horizontal condition. It is not at continuously
increasing voltage adjustment.
6. LOCKED ROTOR CURRENT
Measured immediately after the fan blade is locked.
7. AIR FLOW AND STATIC PRESSURE
The performance specification of air flow and static pressure shown in this specification for
approval is measured using the exhaust method. A double chamber is used in accordance
with AMCA 210 standard or DIN 24163 specification . The values are recorded when the
fan speed has stabilized at rated voltage.
8. INSULATION RESISTANCE
1. PLASTIC HOUSING:
(1) Measured between internal stator and lead wire(+).
(2) Measured between housing and lead wire(+).
2. ALUMINIUM HOUSING:
Measured between internal stator and lead wire(+).
9. DIELECTRIC STRENGTH
Measure between housing and lead wire(+).
2010.10.20


同様の部品番号 - D03021940G-00

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
D030022 ETC-D030022 Datasheet
227Kb / 1P
   12PCS 1,000V Insulated 1/2" Dr. Reversible Ratchet Set
28/07/22 V1.2
logo
MORNSUN Science& Techno...
D030505M-1W MORNSUN-D030505M-1W Datasheet
125Kb / 3P
   TWIN OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
D030505XM-1W MICRODC-D030505XM-1W Datasheet
586Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
More results

同様の説明 - D03021940G-00

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com