データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D04072080G-00 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 D04072080G-00
部品情報  SPECIFICATION FOR APPROVAL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

D04072080G-00 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  D04072080G-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers D04072080G-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers D04072080G-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers D04072080G-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers D04072080G-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers D04072080G-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers D04072080G-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers D04072080G-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers D04072080G-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
建 準 電 機
SUNONWEALTH
Page 3 of 14
II. SPECIFICATION
1. MECHANICAL CHARACTERISTIC
MOTOR DESIGN
2 phases, 4-poles Brushless DC motor
BEARING SYSTEM
Vapo bearing system
DIMENSIONS
See Page 6
MATERIALS OF FRAME
Thermoplastic PBT of UL 94V-0
MATERIALS OF FAN BLADE
Thermoplastic PBT of UL 94V-0
DIRECTION OF ROTATION
Counter-clockwise viewed from front of fan blade
MOUNTING HOLES
Diameter 4.3 mm in 4 holes
WEIGHT
30.6 g
2. ELECTRIC CHARACTERISTIC
RATED VOLTAGE
12 VDC
RATED CURRENT
46 mA / Max. 53 mA
RATED POWER CONSUMPTION
0.6 WATTS / Max. 0.64 WATTS
OPERATING VOLTAGE RANGE
4.5~13.8 VDC
STARTING VOLTAGE
4.5 VDC (25 deg. C POWER ON/OFF)
OPERATING TEMPERATURE RANGE
-10 to + 70 deg. C
STORAGE TEMPERATURE RANGE
-40 to + 70 deg. C
2012.07.23


同様の部品番号 - D04072080G-00

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
D04072110G-00 ETC2-D04072110G-00 Datasheet
657Kb / 14P
   SPECIFICATION FOR APPROVAL
More results

同様の説明 - D04072080G-00

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com