データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7537 データシート(PDF) 4 Page - Analog Devices

部品番号 AD7537
部品情報  LC2MOS (84) Loading Dual 12-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7537 データシート(HTML) 4 Page - Analog Devices

  AD7537 Datasheet HTML 1Page - Analog Devices AD7537 Datasheet HTML 2Page - Analog Devices AD7537 Datasheet HTML 3Page - Analog Devices AD7537 Datasheet HTML 4Page - Analog Devices AD7537 Datasheet HTML 5Page - Analog Devices AD7537 Datasheet HTML 6Page - Analog Devices AD7537 Datasheet HTML 7Page - Analog Devices AD7537 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD7537
REV. 0
–4–
PIN FUNCTION DESCRIPTION (DIP)
PIN
MNEMONIC
DESCRIPTION
1
AGNDA
Analog Ground for DAC A.
2IOUTA
Current output terminal of DAC A.
3RFBA
Feedback resistor for DAC A.
4VREFA
Reference input to DAC A.
5
CS
Chip Select Input Active low.
6–14
DB0–DB7
Eight data inputs, DB0–DB7.
12
DGND
Digital Ground.
15
A0
Address Line 0.
16
A1
Address Line 1.
17
CLR
Clear Input. Active low. Clears all
registers.
18
WR
Write Input. Active low.
19
UPD
Updates DAC Registers from inputs
registers.
20
VDD
Power supply input. Nominally +12 V
to +15 V, with
±10% tolerance.
21
VREFB
Reference input to DAC B.
22
RFBB
Feedback resistor for DAC B.
23
IOUTB
Current output terminal of DAC B.
24
AGNDB
Analog Ground for DAC B.
LCCC
DIP
PLCC
PIN CONFIGURATIONS
CIRCUIT INFORMATION – D/A SECTION
The AD7537 contains two identical 12-bit multiplying D/A
converters. Each DAC consists of a highly stable R-2R ladder
and 12 N-channel current steering switches. Figure 2 shows a
simplified D/A circuit for DAC A. In the R-2R ladder, binary
weighted currents are steered between IOUTA and AGNDA. The
current flowing in each ladder leg is constant, irrespective of
switch state. The feedback resistor RFBA is used with an op amp
(see Figures 4 and 5) to convert the current flowing in IOUTA to
a voltage output.
Figure 2. Simplified Circuit Diagram for DAC A
EQUIVALENT CIRCUIT ANALYSIS
Figure 3 shows the equivalent circuit for one of the D/A con-
verters (DAC A) in the AD7537. A similar equivalent circuit
can be drawn for DAC B.
COUT is the output capacitance due to the N-channel switches
and varies from about 50 pF to 150 pF with digital input code.
The current source ILKG is composed of surface and junction
leakages and approximately doubles every 10
°C. R
0 is the
equivalent output resistance of the device which varies with
input code.
DIGITAL CIRCUIT INFORMATION
The digital inputs are designed to be both TTL and 5 V CMOS
compatible. All logic inputs are static protected MOS gates with
typical input currents of less than 1 nA.
Table I. AD7537 Truth Table
CLR UPD CS WR
A1 A0 FUNCTION
1
1
1
X
X
X
No Data Transfer
1
1
X
1
X
X
No Data Transfer
0
X
X
X
X
X
All Registers Cleared
1
1
0
0
0
0
DAC A LS Input Register
Loaded with DB7–DB0 (LSB)
1
1
0
0
0
1
DAC A MS Input Register
Loaded with DB3 (MSB)–DB0
1
1
0
0
1
0
DAC B LS Input Register
Loaded with DB7–DB0 (LSB)
1
1
0
0
1
1
DAC B MS Input Register
Loaded with DB3 (MSB)–DB0
1
0
1
0
X
X
DAC A, DAC B Registers
Updated Simultaneously from
Input Registers
1
0
0
0
X
X
DAC A, DAC B Registers are
Transparent
NOTES: X = Don’t care
Figure 3. Equivalent Analog Circuit for DAC A


同様の部品番号 - AD7537

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7537 AD-AD7537 Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
AD7537BR AD-AD7537BR Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
AD7537BR-REEL AD-AD7537BR-REEL Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
AD7537BRZ AD-AD7537BRZ Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
AD7537JN AD-AD7537JN Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
More results

同様の説明 - AD7537

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7937 AD-AD7937 Datasheet
157Kb / 8P
   LC2MOS 84 Loading Dual 12-Bit DAC
REV. 0
AD7537JR AD-AD7537JR Datasheet
170Kb / 10P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. A
AD7537JNZ AD-AD7537JNZ Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
AD7547 AD-AD7547 Datasheet
601Kb / 8P
   LC2MOS PARALLEL LOADING DUAL 12-BIT DAC
REV. A
AD7547 AD-AD7547_17 Datasheet
637Kb / 9P
   LC2MOS Parallel Loading Dual 12-Bit DAC
AD7547 AD-AD7547_15 Datasheet
606Kb / 8P
   Parallel Loading Dual 12 Bit DAC
REV. A
AD7937 AD-AD7937_15 Datasheet
147Kb / 8P
   LC MOS Loading Dual 12-Bit DAC
REV. 0
AD7537 AD-AD7537_15 Datasheet
170Kb / 10P
   LC MOS Loading Dual 12-Bit DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
AD7548 AD-AD7548_17 Datasheet
653Kb / 13P
   LC2MOS 8-Bit P-Compatible 12-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com