データシートサーチシステム |
|
AD7476BRT-REEL7 データシート(PDF) 10 Page - Analog Devices |
|
AD7476BRT-REEL7 データシート(HTML) 10 Page - Analog Devices |
10 / 20 page REV. D –10– AD7476/AD7477/AD7478 CIRCUIT INFORMATION The AD7476/AD7477/AD7478 are, respectively, 12-bit, 10-bit, and 8-bit, fast, micropower, single-supply ADCs. The parts can be operated from a 2.35 V to 5.25 V supply. When operated from either a 5 V supply or a 3 V supply, the AD7476/AD7477/AD7478 are capable of throughput rates of 1 MSPS when provided with a 20 MHz clock. The AD7476/AD7477/AD7478 provide the user with an on-chip, track-and-hold ADC, and a serial interface housed in a tiny 6-lead SOT-23 package, which offers the user considerable space saving advantages over alternative solutions. The serial clock input accesses data from the part and also provides the clock source for the successive-approximation ADC. The analog input range is 0 V to VDD. An external reference is not required for the ADC, nor is there a reference on-chip. The reference for the AD7476/AD7477/AD7478 is derived from the power supply and thus gives the widest dynamic input range. The AD7476/AD7477/AD7478 also feature a power-down option to save power between conversions. The power-down feature is implemented across the standard serial interface as described in the Modes of Operation section. CONVERTER OPERATION The AD7476/AD7477/AD7478 are successive-approximation analog-to-digital converters based around a charge redistribution DAC. Figures 2 and 3 show simplified schematics of the ADC. Figure 2 shows the ADC during its acquisition phase. SW2 is closed and SW1 is in position A, the comparator is held in a balanced condition, and the sampling capacitor acquires the signal on VIN. CHARGE REDISTRIBUTION DAC SW2 VDD/2 SAMPLING CAPACITOR VIN SW1 A B AGND ACQUISITION PHASE CONTROL LOGIC COMPARATOR Figure 2. ADC Acquisition Phase When the ADC starts a conversion (see Figure 3), SW2 will open and SW1 will move to Position B, causing the comparator to become unbalanced. The Control Logic and the Charge Redistri- bution DAC are used to add and subtract fixed amounts of charge from the sampling capacitor to bring the comparator back into a balanced condition. When the comparator is rebalanced, the conversion is complete. The Control Logic generates the ADC output code. Figures 4 and 5 show the ADC transfer function. CHARGE REDISTRIBUTION DAC SW2 VDD/2 SAMPLING CAPACITOR VIN SW1 A B AGND CONVERSION PHASE CONTROL LOGIC COMPARATOR Figure 3. ADC Conversion Phase ADC TRANSFER FUNCTION The output coding of the AD7476/AD7477/AD7478 is straight binary. For the AD7476/AD7477, designed code transitions occur midway between successive integer LSB values (i.e., 1/2 LSB, 3/2 LSB, and so on). The LSB size for the AD7476 is VDD/4096 and the LSB size for the AD7477 is VDD/1024. The ideal transfer characteristic for the AD7476/AD7477 is shown in Figure 4. For the AD7478, designed code transitions occur midway between successive integer LSB values (i.e., 1 LSB, 2 LSB, and so on). The LSB size for the AD7478 is VDD/256. The ideal transfer characteristic for the AD7478 is shown in Figure 5. 1LSB = VDD/4096 (AD7476) 1LSB = VDD/1024 (AD7477) ANALOG INPUT 111 ... 111 0V 0.5LSB VDD–1.5LSB 111 ... 110 111 ... 000 011 ... 111 000 ... 010 000 ... 001 000 ... 000 Figure 4. Transfer Characteristic for the AD7476/AD7477 ANALOG INPUT 111 ... 111 0V 1LSB VDD–1LSB 111 ... 110 111 ... 000 011 ... 111 000 ... 010 000 ... 001 000 ... 000 1LSB = VDD/256 (AD7478) Figure 5. Transfer Characteristic for AD7478 TYPICAL CONNECTION DIAGRAM Figure 6 shows a typical connection diagram for the AD7476/ AD7477/AD7478. VREF is taken internally from VDD and as such, VDD should be well decoupled. This provides an analog input range of 0 V to VDD. The conversion result is output in a 16-bit word with four leading zeros followed by the MSB of the 12-bit, 10-bit, or 8-bit result. The 10-bit result from the AD7477 will be followed by two trailing zeros. The 8-bit result from the AD7478 will be followed by four trailing zeros. |
同様の部品番号 - AD7476BRT-REEL7 |
|
同様の説明 - AD7476BRT-REEL7 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |