データシートサーチシステム |
|
AD7669JR データシート(PDF) 10 Page - Analog Devices |
|
AD7669JR データシート(HTML) 10 Page - Analog Devices |
10 / 20 page –10– REV. B AD7569/AD7669 INTERNAL CLOCK Clock pulses are generated by the action of an internal current source charging the external capacitor (CCLK) and this external capacitor discharging through the external resistor (RCLK). When a conversion is complete, this internal clock stops operat- ing and the CLK pin goes to the DGND potential. Connections for RCLK and CCLK are shown in the operating diagram of Fig- ure 21. The nominal conversion time versus temperature for the recommended RCLK and CCLK combination is shown in Figure 6. The internal clock provides a convenient clock source for the AD7569/AD7669. Due to process variations, the actual operat- ing frequency for this RCLK/CCLK combination can vary from device to device by up to ±25%. Figure 6. Conversion Time vs. Temperature for Internal Clock Operation DIGITAL INTERFACE DAC Timing and Control—AD7569 Table II shows the truth table for DAC operation for the AD7569. The part contains an 8-bit DAC register, which is loaded from the data bus under control of CS and WR. The data contained in the DAC register determines the analog out- put from the DAC. The WR input is an edge-triggered input, and data is transferred into the DAC register on the rising edge of WR. Holding CS and WR low does not make the DAC regis- ter transparent. Table II. AD7569 DAC Truth Table CS WR RESET DAC Function H H H DAC Register Unaffected L L H DAC Register Unaffected L g H DAC Register Updated g L H DAC Register Updated X X L DAC Register Loaded with All Zeros L = Low State, H = High State, X = Don’t Care The contents of the DAC register are reset to all 0s by an active low pulse on the RESET line, and for the unipolar output ranges, the output remains at 0 V after RESET returns high. For the bi- polar output ranges, a low pulse on RESET causes the output to go to negative full scale. In unipolar applications, the RESET line can be used to ensure power-up to 0 V on the AD7569 DAC out- put and is also useful when used as a zero override in system cali- bration cycles. If the RESET input is connected to the system At the end of conversion, the SAR contents are transferred to the output latch, and the SAR is reset in readiness for a new conversion. A single conversion lasts for 8 input clock cycles. Figure 4. Operating Waveforms Using External Clock ANALOG INPUT The analog input of the AD7569/AD7669 feeds into an on-chip track-and-hold amplifier. To accommodate different full-scale ranges, the analog input signal is conditioned by a gain/offset network that conditions all input ranges so the internal ADC al- ways works with a 0 V to +1.25 V signal. As a result, the input current on the VIN input varies with the input range selected as shown in Figure 5. Figure 5. Equivalent VIN Circuit TRACK-AND-HOLD The track-and-hold (T/H) amplifier on the analog input of the AD7569/AD7669 allows the ADC to accurately convert an in- put sine wave of 2.5 V peak-to-peak amplitude up to a fre- quency of 200 kHz, the Nyquist frequency of the ADC when operated at its maximum throughput rate of 400 kHz. This maximum rate of conversion includes conversion time and time between conversions. Because the input bandwidth of the T/H amplifier is much larger than 200 kHz, the input signal should be band-limited to avoid converting high-frequency noise components. The operation of this T/H amplifier is essentially transparent to the user. The T/H amplifier goes from its tracking mode to its hold mode at the start of conversion. This occurs when the ADC receives a conversion start command from either ST or CS & RD. At the end of conversion (BUSY going high), the T/H reverts back to tracking the input signal. EXTERNAL CLOCK The AD7569/AD7669 ADC can be used with its on-chip clock or with an externally applied clock. When using an external clock, the CLK input of the AD7569/AD7669 may be driven directly from 74HC, 4000B series buffers (such as 4049) or from TTL buffers. When conversion is complete, the internal clock is disabled. The external clock can continue to run be- tween conversions without being disabled. The mark/space ratio of the external clock can vary from 70/30 to 30/70. |
同様の部品番号 - AD7669JR |
|
同様の説明 - AD7669JR |