データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAQW614A データシート(PDF) 4 Page - COSMO Electronics Corporation

部品番号 KAQW614A
部品情報  PRODUCT SPECIFICATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW614A データシート(HTML) 4 Page - COSMO Electronics Corporation

  KAQW614A Datasheet HTML 1Page - COSMO  Electronics Corporation KAQW614A Datasheet HTML 2Page - COSMO  Electronics Corporation KAQW614A Datasheet HTML 3Page - COSMO  Electronics Corporation KAQW614A Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW614A Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW614A Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW614A Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW614A Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW614A Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PRODUCT SPECIFICATION
DATE:02/22/2011
NO.61M22003
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQW614A
SHEET 4 OF 10
REV.
2
LED operate current vs.
ambient temperature
Load Voltage:400V(DC)
Continuous load current:130mA(DC)
LED Turn Off current vs.
ambient temperature
Load Voltage:400V(DC)
Continuous load current:130mA(DC)
-40
0
1
3
2
4
-20
0
20 40
5
60 80
0
1
-20
-40
3
2
4
5
80
40
020
60
Ambient temperature Ta(℃)
Ambient temperature Ta(℃)
LED dropout voltage vs.
ambient temperature
LED current:5 to 50mA
Voltage vs. current characteristics
of output at MOSFET portion
Measured portion:across terminals
5 and 6 pin
Ambient temperature:25℃
60
-20
-40
0
20 40
1.9
10mA
20mA
30mA
50mA
5mA
1.3
0.9
0
1.1
1.5
1.7
100
80
-2
-4
-5
-3
120
Voltage V
5
4
23
1
-80
-120
-100
-40
-60
-20
60
20
-1
40
80
100
Ambient temperature Ta(℃)
Ambient temperature:25℃


同様の部品番号 - KAQW614A

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQW614A COSMO-KAQW614A Datasheet
702Kb / 4P
   HIGH VOLTAGE, SOLID STATE RELAY - MOSFET OUTPUT
KAQW614ATL COSMO-KAQW614ATL Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614ATR COSMO-KAQW614ATR Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

同様の説明 - KAQW614A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com