データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DTL9604 データシート(PDF) 3 Page - DinTek Semiconductor Co,.Ltd

部品番号 DTL9604
部品情報  N-Channel 60 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DINTEK [DinTek Semiconductor Co,.Ltd]
ホームページ  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTL9604 データシート(HTML) 3 Page - DinTek Semiconductor Co,.Ltd

  DTL9604 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTL9604 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
V
DS - Drain-to-Source Voltage (V)
V
GS = 2 V
V
GS = 10 V thru 4 V
V
GS = 3 V
0.0000
0.0010
0.0020
0.0030
0.0040
0.0050
0
20
40
60
80
100
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0
13
26
39
52
65
Q
g - Total Gate Charge (nC)
V
DS = 30 V
V
DS = 40 V
V
DS = 20 V
I
D = 20 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
20
40
60
80
100
0.0
1.0
2.0
3.0
4.0
5.0
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
1400
2800
4200
5600
7000
0
12
24
36
48
60
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 20 A
V
GS = 10 V
V
GS = 4.5 V
DT
www.
daysemi.jp


同様の部品番号 - DTL9604

メーカー部品番号データシート部品情報
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
1Mb / 8P
   N-Channel 60 V (D-S) MOSFET Low Qg for High Efficiency
logo
SHENZHEN DOINGTER SEMIC...
DTL9604 DOINGTER-DTL9604 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604_13 Datasheet
1Mb / 8P
   N-Channel 60 V (D-S) MOSFET Low Qg for High Efficiency
More results

同様の説明 - DTL9604

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com