データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7716 データシート(PDF) 1 Page - Analog Devices

部品番号 AD7716
部品情報  LC2MOS 22-Bit Data Acquisition System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7716 データシート(HTML) 1 Page - Analog Devices

  AD7716 Datasheet HTML 1Page - Analog Devices AD7716 Datasheet HTML 2Page - Analog Devices AD7716 Datasheet HTML 3Page - Analog Devices AD7716 Datasheet HTML 4Page - Analog Devices AD7716 Datasheet HTML 5Page - Analog Devices AD7716 Datasheet HTML 6Page - Analog Devices AD7716 Datasheet HTML 7Page - Analog Devices AD7716 Datasheet HTML 8Page - Analog Devices AD7716 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AD7716
a
LC
2MOS
22-Bit Data Acquisition System
There are 22 bits of data corresponding to the analog input.
Two bits contain the channel address and 3 bits are the device
address. Thus, each channel in a 32-channel system would have
a discrete 5-bit address. The device also has a CASCOUT pin
and a CASCIN pin that allow simple networking of multiple
devices.
The on-chip control register is programmed using the SCLK,
SDATA and TFS pins. Three bits of the Control Register set
the digital filter cutoff frequency for the device. Selectable fre-
quencies are 584 Hz, 292 Hz, 146 Hz, 73 Hz and 36.5 Hz. A
further 2 bits appear as outputs DOUT1 and DOUT2 and can be
used for controlling calibration at the front end. The device is
available in a 44-pin PQFP (Plastic Quad Flatpack) and 44-pin
PLCC.
GENERAL DESCRIPTION
The AD7716 is a signal processing block for data acquisition
systems. It is capable of processing four channels with band-
widths of up to 584 Hz. Resolution is 22 bits and the usable
dynamic range varies from 111 dB with an input bandwidth of
36.5 Hz to 99 dB with an input bandwidth of 584 Hz.
The device consists of four separate A/D converter channels that
are implemented using sigma-delta technology. Sigma-delta
ADCs include on-chip digital filtering and, thus, the system
filtering requirements are eased.
Three address pins program the device address. This allows a
data acquisition system with up to 32 channels to be set up in a
simple fashion. The output word from the device contains 32
bits of data. One bit is determined by the state of the DIN1 in-
put and may be used, for example, in an ECG system with an
external pacemaker detect circuit to indicate that the output
word is invalid because of the presence of a pacemaker pulse.
FUNCTIONAL BLOCK DIAGRAM
CONTROL
LOGIC
OUTPUT
SHIFT
REGISTER
CONTROL
REGISTER
CLOCK
GENERATION
ANALOG
MODULATOR
LOW PASS
DIGITAL
FILTER
CLKOUT
CLKIN
V
REF
AGND
DGND
D
IN 1
D
OUT 1
D
OUT 2
MODE
CASCIN
CASCOUT
SDATA
SCLK
TFS
RFS
DRDY
A
IN 1
A
IN 2
A
IN 3
A
IN 4
AV
DD
DV
DD
AV
SS
A0 A1
A2
RESET
ANALOG
MODULATOR
LOW PASS
DIGITAL
FILTER
ANALOG
MODULATOR
LOW PASS
DIGITAL
FILTER
ANALOG
MODULATOR
LOW PASS
DIGITAL
FILTER
AD7716
FEATURES
22-Bit Sigma-Delta ADC
Dynamic Range of 105 dB (146 Hz Input)
0.003% Integral Nonlinearity
On-Chip Low-Pass Digital Filter
Cutoff Programmable from 584 Hz to 36.5 Hz
Linear Phase Response
Five Line Serial I/O
Twos Complement Coding
Easy Interface to DSPs and Microcomputers
Software Control of Filter Cutoff
5 V Supply
Low Power Operation: 50 mW
APPLICATIONS
Biomedical Data Acquisition
ECG Machines
EEG Machines
Process Control
High Accuracy Instrumentation
Seismic Systems
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.


同様の部品番号 - AD7716

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7716 AD-AD7716 Datasheet
321Kb / 16P
   LC2MOS 22-Bit Data Acquisition System
REV. A
AD7716 AD-AD7716 Datasheet
467Kb / 17P
   22-Bit Data Acquisition System
AD7716BP AD-AD7716BP Datasheet
321Kb / 16P
   LC2MOS 22-Bit Data Acquisition System
REV. A
AD7716BP AD-AD7716BP Datasheet
467Kb / 17P
   22-Bit Data Acquisition System
AD7716BS AD-AD7716BS Datasheet
321Kb / 16P
   LC2MOS 22-Bit Data Acquisition System
REV. A
More results

同様の説明 - AD7716

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7716BSZ AD-AD7716BSZ Datasheet
321Kb / 16P
   LC2MOS 22-Bit Data Acquisition System
REV. A
AD79024 AD-AD79024 Datasheet
294Kb / 7P
   LC2MOS 20-Bit Data Acquisition System
REV. 0
AD7716 AD-AD7716_17 Datasheet
467Kb / 17P
   22-Bit Data Acquisition System
AD7716 AD-AD7716_15 Datasheet
433Kb / 16P
   22-Bit Data Acquisition System
REV. A
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7874 AD-AD7874 Datasheet
414Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
5962-9152101MXA AD-5962-9152101MXA Datasheet
326Kb / 16P
   LC2MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com