データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA00CC0WTE2 データシート(PDF) 11 Page - Rohm

部品番号 BA00CC0WTE2
部品情報  2A/1A Variable Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA00CC0WTE2 データシート(HTML) 11 Page - Rohm

Back Button BA00CC0WTE2 Datasheet HTML 7Page - Rohm BA00CC0WTE2 Datasheet HTML 8Page - Rohm BA00CC0WTE2 Datasheet HTML 9Page - Rohm BA00CC0WTE2 Datasheet HTML 10Page - Rohm BA00CC0WTE2 Datasheet HTML 11Page - Rohm BA00CC0WTE2 Datasheet HTML 12Page - Rohm BA00CC0WTE2 Datasheet HTML 13Page - Rohm BA00CC0WTE2 Datasheet HTML 14Page - Rohm BA00CC0WTE2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11/22
Datasheet
Datasheet
BD60A00NUX
BD60A60NUX
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0G3G0C200320-1-2
27.SEP.2012 Rev.001
●Operating of the application deficiency - continued
3) When Schottky diode (SBD) remove
In the situation that connection is opened and also DC/DC is activated, SW terminal voltage becomes more than rated
voltage due to a lack of parts that can accept the current accumulated inside the coil. Consequently IC might be
destroyed. To prevent the IC destruction, SBD open protection is functioned. SW terminal is never destroyed as
boosting operation is stopped after VOUT terminal detects less than 0.2V.
4) When resistance linked to an ISET terminal short-circuits
Since Resistor connected to ISET terminal becomes 0Ω, LED current setting value becomes more than rating. In order
to avoid this trouble, this IC has LED current limit protection. By using this function, setting current of rating current
driver becomes 0mA, and the current flow of LED is almost same as leak current.
●Control signal input timing
When input control signals such as Enable and PWM without completing the standup of supply voltage (VIN), be
careful of the following points.
Input each control signal after VIN exceeds 2.2V and UVLO is off.
When input Enable and PWM, the standup time should be placed as Min.100µs from 2.2V to stable voltage for
VIN.
Since a soft start function stops working at the time of following PWM=H when EN=H is held with PWM=L.
After EN=H should input a PWM signal within 10ms.
●Start control (EN) and select LED current driver (PWM)
This IC can control the IC system by EN terminal and also turns off compulsorily by setting “L” level input voltage 0.4V
or below. It also powers on when EN becomes more than “H” level input voltage 1.4V. In the case of EN=H, LED
current fixed by ISET resistor with PWM=H flows. When it is selected at PWM=L, LED current stop to flow.
EN
PWM
IC
LED current
L
L
Off
Off
H
L
On
Off
L
H
Off
Off
H
H
On
Current fixed by ISET
●LED current setting range
LED current sets up normal current by resister (RISET) connected to ISET voltage.
Each setting current is shown as below.
Normal current = 600/RISET [A]
Normal current setting range is 10mA to 30mA, and also LED current at off setting is MAX 2µA of leak current.
ISET Normal current setting example
RISET
LED current
20.0kΩ (E96)
30.0mA
24.0kΩ (E24)
25.0mA
30.0kΩ (E24)
20.0mA
56.0kΩ (E24)
10.7mA
VIN
2.2V
EN
Min. 100µs
PWM
DC/DC VOUT
Figure 6. Control signal input timing
VIN
EN
Min. 10ms
PWM
DC/DC VOUT


同様の部品番号 - BA00CC0WTE2

メーカー部品番号データシート部品情報
logo
Rohm
BA00CC0WT ROHM-BA00CC0WT Datasheet
357Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BA00CC0WT ROHM-BA00CC0WT Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00CC0WT ROHM-BA00CC0WT Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
BA00CC0WT ROHM-BA00CC0WT Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00CC0WT ROHM-BA00CC0WT Datasheet
148Kb / 2P
   35V MAX Variable Output LDO Regulator
More results

同様の説明 - BA00CC0WTE2

メーカー部品番号データシート部品情報
logo
Rohm
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com