データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD797AR-REEL データシート(PDF) 10 Page - Analog Devices

部品番号 AD797AR-REEL
部品情報  Ultralow Distortion, Ultralow Noise Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD797AR-REEL データシート(HTML) 10 Page - Analog Devices

Back Button AD797AR-REEL Datasheet HTML 6Page - Analog Devices AD797AR-REEL Datasheet HTML 7Page - Analog Devices AD797AR-REEL Datasheet HTML 8Page - Analog Devices AD797AR-REEL Datasheet HTML 9Page - Analog Devices AD797AR-REEL Datasheet HTML 10Page - Analog Devices AD797AR-REEL Datasheet HTML 11Page - Analog Devices AD797AR-REEL Datasheet HTML 12Page - Analog Devices AD797AR-REEL Datasheet HTML 13Page - Analog Devices AD797AR-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD797
REV. C
–10–
BYPASSING CONSIDERATIONS
To take full advantage of the very wide bandwidth and dynamic
range capabilities of the AD797 requires some precautions.
First, multiple bypassing is recommended in any precision
application. A 1.0
µF–4.7 µF tantalum in parallel with 0.1 µF
ceramic bypass capacitors are sufficient in most applications.
When driving heavy loads a larger demand is placed on the sup-
ply bypassing. In this case selective use of larger values of tanta-
lum capacitors and damping of their lead inductance with small
value (1.1
Ω to 4.7 Ω) carbon resistors can be an improvement.
Figure 32 summarizes bypassing recommendations. The symbol
(**) is used throughout this data sheet to represent the parallel
combination of a 0.1
µF and a 4.7 µF capacitor.
VS
0.1
µF
USE SHORT
LEAD LENGTHS
(<5mm)
KELVIN RETURN
LOAD
CURRENT
4.7 – 22.0
µF
USE SHORT
LEAD RETURNS
(<5mm)
OR
4.7
µF
VS
1.1 – 4.7
0.1
µF
KELVIN RETURN
LOAD
CURRENT
Figure 32. Recommended Power Supply Bypassing
THE NONINVERTING CONFIGURATION
Ultralow noise requires very low values of rBB’ (the internal
parasitic resistance) for the input transistors (
≈6 Ω). This im-
plies very little damping of input and output reactive interac-
tions. With the AD797, additional input series damping is
required for stability with direct input to output feedback. A
100
Ω resistor in the inverting input (Figure 33) is sufficient;
the 100
Ω balancing resistor (R2) is recommended, but is not
required for stability. The noise penalty is minimal (eNtotal
≈2.1 nV/√Hz), which is usually insignificant. Best response
flatness is obtained with the addition of a small capacitor
(CL < 33 pF) in parallel with the 100
Ω resistor (Figure 34).
The input source resistance and capacitance will also affect the
response slightly and experimentation may be necessary for best
results.
R2
100
R1
100
VOUT
** USE POWER SUPPLY BYPASSING SHOWN IN FIGURE 32.
VIN
RL
600
AD797
**
2
7
3
4
6
**
–VS
+VS
Figure 33. Voltage Follower Connection
Low noise preamplification is usually done in the noninverting
mode (Figure 35). For lowest noise the equivalent resistance of
the feedback network should be as low as possible. The 30 mA
minimum drive current of the AD797 makes it easier to achieve
this. The feedback resistors can be made as low as possible with
due consideration to load drive and power consumption. Table
II gives some representative values for the AD797 as a low noise
follower. Operation on 5 volt supplies allows the use of a 100
or less feedback network (R1 + R2). Since the AD797 shows
no unusual behavior when operating near its maximum rated
current, it is suitable for driving the AD600/AD602 (Figure 47)
while preserving their low noise performance.
Optimum flatness and stability at noise gains >1 sometimes
requires a small capacitor (CL) connected across the feedback
resistor (R1, Figure 35). Table II includes recommended values
of CL for several gains. In general, when R2 is greater than
100
Ω and C
L is greater than 33 pF, a 100
Ω resistor should
be placed in series with CL. Source resistance matching is
assumed, and the AD797 should never be operated with unbal-
anced source resistance >200 k
Ω/G.
RS*
CS*
100
AD797
**
2
7
3
4
6
**
VOUT
–VS
+VS
* SEE TEXT
** USE POWER SUPPLY BYPASSING SHOWN IN FIGURE 32.
VIN
600
CL
Figure 34. Alternative Voltage Follower Connection
R2
R1
R
L
AD797
**
2
7
3
4
6
**
VOUT
–VS
+VS
** USE POWER SUPPLY BYPASSING SHOWN IN FIGURE 32.
VIN
CL
Figure 35. Low Noise Preamplifier
Table II. Values for Follower With Gain Circuit
Noise
Gain
R1
R2
CL
(Excluding rS)
21 k
1 k
Ω≈20 pF
3.0 nV/
√Hz
2
300
300
Ω≈10 pF
1.8 nV/
√Hz
10
33.2
300
Ω≈5 pF
1.2 nV/
√Hz
20
16.5
316
1.0 nV/
√Hz
>35
10
(G–1) • 10
0.98 nV/
√Hz
The I-to-V converter is a special case of the follower configura-
tion. When the AD797 is used in an I-to-V converter, for in-
stance as a DAC buffer, the circuit of Figure 36 should be used.
The value of CL depends on the DAC and again, if CL is


同様の部品番号 - AD797AR-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD797AR-REEL AD-AD797AR-REEL Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD797AR-REEL7 AD-AD797AR-REEL7 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD797AR-REEL7 AD-AD797AR-REEL7 Datasheet
343Kb / 19P
   Ultralow Distortion, Ultralow Noise Op Amp
More results

同様の説明 - AD797AR-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
AD8599 AD-AD8599 Datasheet
449Kb / 16P
   Dual Ultralow Distortion, Ultralow Noise Op Amp
REV. 0
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Analog Devices
AD8597 AD-AD8597_16 Datasheet
711Kb / 20P
   Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
AD8597 AD-AD8597_08 Datasheet
546Kb / 20P
   Single and Dual, Ultralow Distortion, Ultralow Noise Op Amps
Rev. B
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com