データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8017AR-EVAL データシート(PDF) 11 Page - Analog Devices

部品番号 AD8017AR-EVAL
部品情報  Dual High Output Current, High Speed Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8017AR-EVAL データシート(HTML) 11 Page - Analog Devices

Back Button AD8017AR-EVAL Datasheet HTML 7Page - Analog Devices AD8017AR-EVAL Datasheet HTML 8Page - Analog Devices AD8017AR-EVAL Datasheet HTML 9Page - Analog Devices AD8017AR-EVAL Datasheet HTML 10Page - Analog Devices AD8017AR-EVAL Datasheet HTML 11Page - Analog Devices AD8017AR-EVAL Datasheet HTML 12Page - Analog Devices AD8017AR-EVAL Datasheet HTML 13Page - Analog Devices AD8017AR-EVAL Datasheet HTML 14Page - Analog Devices AD8017AR-EVAL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8017
–11–
REV. A
THEORY OF OPERATION
The AD8017 is a dual high speed CF amplifier that attains new
levels of bandwidth (BW), power, distortion and signal swing,
under heavy current loads. Its wide dynamic performance (in-
cluding noise) is the result of both a new complementary high
speed bipolar process and a new and unique architectural
design. The AD8017 basically uses a two gain stage complemen-
tary design approach versus the traditional “single stage”
complementary mirror structure sometimes referred to as the
Nelson amplifier. Though twin stages have been tried before,
they typically consumed high power since they were of a folded
cascode design much like the AD9617.
This design allows for the standing or quiescent current to add
to the high signal or slew current-induced stages. In the time
domain, the large signal output rise/fall time and slew rate is
typically controlled by the small signal BW of the amplifier and
the input signal step amplitude respectively, not the dc quies-
cent current of the gain stages (with the exception of input level
shift diodes Q1/Q2). Using two stages as opposed to one, also
allows for a higher overall gain bandwidth product (GBWP) for
the same power, thus providing lower signal distortion and the
ability to drive heavier external loads. In addition, the second
gain stage also isolates (divides down) A3’s input reflected load
drive and the nonlinearities created resulting in relatively lower
distortion and higher open-loop gain. See Figure 38.
Overall, when “high” external load drive and low ac distortion is
a requirement, a twin gain stage integrating amplifier like the
AD8017 will provide excellent results for low power over the
traditional single stage complementary devices. In addition,
being a CF amplifier, closed-loop BW variations versus external
gain variations (varying RG) will be much lower compared to a
VF op amp, where the BW varies inversely with gain. Another
key attribute of this amplifier is its ability to run on a single 5 V
supply due in part to its wide common-mode input and output
voltage range capability. For 5 V supply operation, the device
obviously consumes less than half the quiescent power (vs. 12 V
supply) with little degradation in its ac and dc performance
characteristics. See specification pages for comparisons.
DC GAIN CHARACTER
Gain stages A1/
A1 and A2/A2 combined provide negative
feedforward transresistance gain. See Figure 38. Stage A3 is a
unity gain buffer which provides external load isolation to A2.
Each stage uses a symmetrical complementary design. (A3 is
also complementary, though not explicitly shown). This is done
to reduce both second order signal distortion and overall quies-
cent power as discussed above. In the quasi dc-to-low frequency
region, the closed loop gain relationship can be approximated as:
G = 1+RF/RG for Noninverting Operation
G = –RF/RG for Inverting Operation
These basic relationships above are common to all traditional
operational amplifiers.
A1
IPN
IQ1
Q3
IPP
VP
+
Q1
Q2
Z1
Q4
INP
IPN
A1
VN
IR + IFC
IR – IFC
IQ1
IE
AD8017
–VI
CP1
–VI
CP1
–A2
CP2
ICQ + IO
VO9
–A3
A2
CD
Z1
ICQ – IO
RN
RF
Z2
RL
CL
VO
Z1 = R1 || C1
Z1
CD
Figure 38. Simplified Block Diagram


同様の部品番号 - AD8017AR-EVAL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8017AR-EVAL AD-AD8017AR-EVAL Datasheet
227Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017AR-EVAL AD-AD8017AR-EVAL Datasheet
410Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017AR-EVAL AD-AD8017AR-EVAL Datasheet
415Kb / 17P
   Dual High Output Current High Speed Amplifier
REV. C
More results

同様の説明 - AD8017AR-EVAL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8017 AD-AD8017_02 Datasheet
227Kb / 16P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017 AD-AD8017_15 Datasheet
441Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
AD8017ARZ-REEL7 AD-AD8017ARZ-REEL7 Datasheet
415Kb / 17P
   Dual High Output Current High Speed Amplifier
REV. C
AD8017ARZ AD-AD8017ARZ Datasheet
410Kb / 17P
   Dual High Output Current, High Speed Amplifier
REV. C
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com