データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8042AN データシート(PDF) 7 Page - Analog Devices

部品番号 AD8042AN
部品情報  Dual 160 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8042AN データシート(HTML) 7 Page - Analog Devices

Back Button AD8042AN Datasheet HTML 3Page - Analog Devices AD8042AN Datasheet HTML 4Page - Analog Devices AD8042AN Datasheet HTML 5Page - Analog Devices AD8042AN Datasheet HTML 6Page - Analog Devices AD8042AN Datasheet HTML 7Page - Analog Devices AD8042AN Datasheet HTML 8Page - Analog Devices AD8042AN Datasheet HTML 9Page - Analog Devices AD8042AN Datasheet HTML 10Page - Analog Devices AD8042AN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. C
AD8042
–7–
10
100
1k
10k
100k
1M
10M
100M
1G
300
100
30
10
3
1
FREQUENCY (Hz)
TPC 7. Input Voltage Noise vs. Frequency
FUNDAMENTAL FREQUENCY (MHz)
–30
–40
–100
110
3
–50
–70
–80
–60
24
5
6
7 8 9
–90
VS = 5V, AV = 1,
RL = 1k TO 2.5V
VS = 5V, AV = 2,
RL = 1k TO 2.5V
VS = 5V, AV = 1,
RL = 100 TO 2.5V
VS = 5V, AV = 2,
RL = 100 TO 2.5V
VS = 3V, AV = –1,
RL = 100 TO 1.5V
TPC 8. Total Harmonic Distortion
OUTPUT VOLTAGE (V p-p)
–30
–40
–100
0.0
5.0
1.5
–50
–70
–80
–60
1.0
3.0
3.5
4.0
4.5
–90
–110
0.5
2.0
2.5
10MHz
5MHz
1MHz
VS = 5V, G = +2,
RL = 1k TO 2.5V
TPC 9. Worst Harmonic vs. Output Voltage
MODULATING RAMP LEVEL (IRE)
0.04
0.03
0
100
30
0.02
0.00
0.01
20
60
70
80
90
10
40
50
–0.01
0.01
0.03
0.02
0
0.04
–0.01
0.05
NTSC Subcarrier (3.579 MHz)
RL = 150
VS = 5V
G = +2
RL = 150
TO 2.5V
VS = 5V
G = +2
RL = 150
VS = 5V
G = +2
RL = 150
TO 2.5V
VS = 5V
G = +2
TPC 10. Differential Gain and Phase Errors
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
110
100
500
FREQUENCY (MHz)
14MHz
VS = 5V
G = +2
RF = 200
RL = 150
TO 2.5V
TPC 11. 0.1 dB Gain Flatness
120
100
80
60
40
20
0
–20
–40
–60
–80
0.01
0.1
100
500
FREQUENCY (MHz)
110
45
0
–45
–90
–135
–180
–225
–270
GAIN
PHASE
VS = 5V
G = +2
RF = 200
RL = 150
TO 2.5V
TPC 12. Open-Loop Gain and Phase
vs. Frequency


同様の部品番号 - AD8042AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8042AN AD-AD8042AN Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
More results

同様の説明 - AD8042AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com