データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8058 データシート(PDF) 9 Page - Analog Devices

部品番号 AD8058
部品情報  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8058 データシート(HTML) 9 Page - Analog Devices

Back Button AD8058 Datasheet HTML 5Page - Analog Devices AD8058 Datasheet HTML 6Page - Analog Devices AD8058 Datasheet HTML 7Page - Analog Devices AD8058 Datasheet HTML 8Page - Analog Devices AD8058 Datasheet HTML 9Page - Analog Devices AD8058 Datasheet HTML 10Page - Analog Devices AD8058 Datasheet HTML 11Page - Analog Devices AD8058 Datasheet HTML 12Page - Analog Devices AD8058 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AD8057/AD8058
–9–
REV. A
500mV/
DIV
0V
20ns/DIV
VS = 2.5V
RL = 1k
G = +1
INPUT SIGNAL
OUTPUT RESPONSE
2.5V
Figure 27. Input Overload Recovery, VS = ±2.5 V
5.0V
1V/DIV
0V
20ns/DIV
VS = 5.0V
RL = 1k
G = +1
INPUT SIGNAL 5V
OUTPUT SIGNAL = 4.0V
Figure 28. Output Overload Recovery, VS = ±5.0 V
FREQUENCY – MHz
0.1
100
1
10
0
–10
–70
–20
–30
–40
–50
–60
Figure 29. CMRR vs. Frequency
1.8V
20ns/DIV
VS = 2.5V
R1 = 1k
G = +4
INPUT SIGNAL = 0.6V
OUTPUT SIGNAL 1.7V
200mV/
DIV
Figure 30. Output Overload Recovery, VS = ±2.5 V
4.5V
500mV/
DIV
20ns/DIV
37ns
VS = 5.0V
R1 = 1k
G = +4
Figure 31. Output Overload Recovery, VS = ±5.0 V
FREQUENCY – MHz
0
–20
–120
0.1
1
10
100
–60
–80
–100
–40
SIDE B DRIVEN
SIDE A DRIVEN
Figure 32. Crosstalk (Output-to-Output) vs. Frequency


同様の部品番号 - AD8058

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8058 AD-AD8058 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8058 AD-AD8058 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8058 AD-AD8058 Datasheet
485Kb / 17P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
AD8058 AD-AD8058 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD8058 AD-AD8058 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results

同様の説明 - AD8058

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8058 AD-AD8058_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8058ARZ AD-AD8058ARZ Datasheet
485Kb / 17P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
AD8057 AD-AD8057_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com