データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1206CG223B201 データシート(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

部品番号 ST1206CG223B201
部品情報  Soft Termination Multilayer Ceramic Chip Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MERITEK [MERITEK ELECTRONICS CORPORATION]
ホームページ  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

ST1206CG223B201 データシート(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  ST1206CG223B201 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION ST1206CG223B201 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION ST1206CG223B201 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION ST1206CG223B201 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION ST1206CG223B201 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION ST1206CG223B201 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION ST1206CG223B201 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION ST1206CG223B201 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION ST1206CG223B201 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DIELECTRIC
X7R
SIZE
1812
1825
2220
2225
RATED VOLTAGE
(VDC)
100 200 250 500 630 100 200 250 500 630 100 200 250 500 630 100 200 250 500 630
100pF (101)
120pF (121)
150pF (151)
180pF (181)
220pF (221)
270pF (271)
330pF (331)
390pF (391)
470pF (471)
560pF (561)
680pF (681)
820pF (821)
1,000pF (102)
1,200pF (122)
1,500pF (152)
1,800pF (182)
2,200pF (222)
2,700pF (272)
3,300pF (332)
3,900pF (392)
4,700pF (472)
5,600pF (562)
6,800pF (682)
8,200pF (822)
0.010µF (103)
0.012µF (123)
0.015µF (153)
0.018µF (183)
0.022µF (223)
0.027µF (273)
0.033µF (333)
0.039µF (393)
0.047µF (473)
0.056µF (563)
0.068µF (683)
0.082µF (823)
0.10µF (104)
0.12µF (124)
0.15µF (154)
0.18µF (184)
0.22µF (224)
0.27µF (274)
0.33µF (334)
0.39µF (394)
0.47µF (474)
0.56µF (564)
0.68µF (684)
0.82µF (824)
1.0µF (105)
1.2µF (125)
1.5µF (155)
1.8µF (185)
2.2µF (225)
2.7µF (275)
3.3µF (335)
3.9µF (395)
4.7µF (475)
Soft Termination Multilayer
Ceramic Chip Capacitors
RoHS
MERITEK
ST Series
Rev.7


同様の部品番号 - ST1206CG223B201

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
ST120-100L2MI VISHAY-ST120-100L2MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST120-25T1MI VISHAY-ST120-25T1MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST1200 STMICROELECTRONICS-ST1200 Datasheet
277Kb / 13P
   Memory Micromodules General Information for D1, D2 and C Packaging
ST1200 STMICROELECTRONICS-ST1200 Datasheet
24Kb / 2P
   Memory Card IC 256 bit OTP EPROM with Lock-Out
logo
Vishay Siliconix
ST1200-25T3MI VISHAY-ST1200-25T3MI Datasheet
116Kb / 6P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

同様の説明 - ST1206CG223B201

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GCJ31CR72A105KA01 MURATA-GCJ31CR72A105KA01 Datasheet
754Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188C70J475KE02 MURATA-GCJ188C70J475KE02 Datasheet
762Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A333KA01 MURATA-GCJ188R92A333KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BL81H104KA01 MURATA-GCJ21BL81H104KA01 Datasheet
758Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R92A473KA01 MURATA-GCJ188R92A473KA01 Datasheet
760Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ31CC71H475KA01 MURATA-GCJ31CC71H475KA01 Datasheet
755Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71E105KA01 MURATA-GCJ188R71E105KA01 Datasheet
764Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ21BC72A105KE02 MURATA-GCJ21BC72A105KE02 Datasheet
757Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ219R71H334KA12 MURATA-GCJ219R71H334KA12 Datasheet
763Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
GCJ188R71H224KA01 MURATA-GCJ188R71H224KA01 Datasheet
767Kb / 27P
   Soft Termination Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com